Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP8200MDR-S Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # TISP8200MDR-S
Description  COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP8200MDR-S Datasheet(HTML) 7 Page - Bourns Electronic Solutions

Back Button TISP8200MDR-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP8200MDR-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP8200MDR-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP8200MDR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP8200MDR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP8200MDR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP8200MDR-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP8200MDR-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP8200MDR-S Datasheet HTML 11Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MAY 1998 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP8200M & TISP8201M
SLIC Parameter Values
The table below shows some details of currently available SLICs using positive and negative supply rails.
Manufacturer
INFINEON‡
LEGERITY™‡
Unit
SLIC SERIES
SLIC-S‡
SLIC-E‡
ISLIC™‡
SLIC #
PEB4264
PEB 4265
79R251
Data Sheet Issue
14/07/2000
14/07/2000
-/08/2000
Short Circuit Current
±130
±130
±150
mA
VBATH max.
-70
-90
-85
V
VBATR max.
+50
+90
+85
V
VBATR-VBATH max.
90
160
150
V
AC Ringing for:
45
85
65
V rms
VBATH
-54
-70
-68
V
VBATR
+36
+80
+52
V
VBATR-VBATH
90
150
120
V
R or T Power Max. < 10 ms
TBA
10
W
R or T Overshoot < 10 ms
-5
5
V
R or T Overshoot < 1 ms
-10
+10
-10
+10
V
R or T Overshoot < 10 µs-10
+30
-10
+30
V
R or T Overshoot < 1 µs-10
10
V
R or T Overshoot < 250 ns
-15
15
V
Line Feed Resistance
20 + 30
20 + 30
50
‡ Legerity, the Legerity logo and ISLIC are the trademarks of Legerity, Inc. (formerly AMD’s Communication Products Division).
Other product names used in this publication are for identification purposes only and may be trademarks of their respective
companies.
The maximum total voltage, VBATR - VBATH, is normally about 10 % less than the sum of the maximum VBATR and maximum VBATH values.
In terms of voltage overshoot, ±10 V is needed for 1 µs and ±15 V for 250 ns. It is important to define the protector overshoot under actual
circuit conditions. For example, if the series line feed resistor was 20 Ω, R1 in Figure 10, and Telcordia GR-1089-CORE 2/10 and 10/1000 first
level impulses were applied, the peak protector currents would be 100 A and 33 A. Therefore, the protector voltage overshoot should be
measured at 100 A, 2/10 and 33 A, 10/1000.
Using the table values for maximum battery voltage and minimum overshoot gives a requirement of ±105 V from the output to ground and
±175 V between outputs. There needs to be temperature guard banding for the change in protector characteristics with temperature. To cover
down to -40 °C, the 25 °C protector minimum values become ±120 V referenced to ground, ±190 V between outputs and 100 V or -100 V on
the gate.
Operation of Gated Protectors
Figure 5 shows how the TISP8200M and TISP8201M limit overvoltages. The TISP8200M SCR sections limit negative overvoltages and the
TISP8201M SCR sections limit positive overvoltages.
The TISP8200M (buffered) gate is connected to the negative SLIC battery feed voltage (VBATH) to provide the protection reference voltage.
Negative overvoltages are initially clipped close to the SLIC negative supply rail value (VBATH) by the conduction of the TISP8200M transistor
base-emitter and the SCR gate-cathode junctions. If sufficient current is available from the overvoltage, then the SCR will crowbar into a low
voltage ground referenced on-state condition. As the overvoltage subsides, the high holding current of the SCR prevents d.c. latchup with the
SLIC output current.


Similar Part No. - TISP8200MDR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP8200M BOURNS-TISP8200M Datasheet
286Kb / 11P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
More results

Similar Description - TISP8200MDR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP8200M BOURNS-TISP8200M Datasheet
286Kb / 11P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP8200HDM BOURNS-TISP8200HDM Datasheet
481Kb / 7P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP821XMD BOURNS-TISP821XMD Datasheet
414Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110LDM BOURNS-TISP9110LDM Datasheet
189Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110MDM BOURNS-TISP9110MDM Datasheet
376Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP821XMD BOURNS-TISP821XMD_07 Datasheet
417Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Bourns Electronic Solut...
TISP61089M BOURNS-TISP61089M Datasheet
398Kb / 6P
   TISP61089M SLIC Overvoltage Protector
logo
STMicroelectronics
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
   DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com