Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61511D Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # TISP61511D
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61511D Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  TISP61511D Datasheet HTML 1Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 2Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 3Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 4Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 5Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 6Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 7Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 8Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
JULY 1995 — REVISED MARCH 2006
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP61511D Gated Protectors
APPLICATIONS INFORMATION
Electrical Characteristics
The electrical characteristics of a thyristor overvoltage protector are strongly dependent on junction temperature, TJ. Hence a characteristic
value will depend on the junction temperature at the instant of measurement. The values given in this data sheet were measured on commercial
testers, which generally minimize the temperature rise caused by testing.
Application Circuit
Figure 3 shows a typical TISP61511D SLIC card protection circuit. The incoming line wires, R and T, connect to the relay matrix via the series
overcurrent protection. Fusible resistors, fuses and positive temperature coefficient (PTC) resistors can be used for overcurrent protection.
Resistors will reduce the prospective current from the surge generator for both the TISP61511D and the ring/test protector. The TISP7xxxF3
protector has the same protection voltage for any terminal pair. This protector is used when the ring generator configuration may be ground or
battery-backed. For dedicated ground-backed ringing generators, the TISP3xxxF3 gives better protection as its inter-wire protection voltage is
twice the wire to ground value.
Relay contacts 3a and 3b connect the line wires to the SLIC via the TISP61511D protector. The protector gate reference voltage comes from the
SLIC negative supply (VBAT). A 220 nF gate capacitor sources the high gate current pulses caused by fast rising impulses.
Impulse Conditions
Most lightning tests, used for equipment verification, specify a unidirectional sawtooth waveform which has an exponential rise and an
exponential decay. Wave shapes are classified in terms of Peak Amplitude (voltage or current), rise time and a decay time to 50 % of the
maximum amplitude. The notation used for the wave shape is
amplitude, rise time/decay time. A 38 A, 5/310 µs wave shape would have a
peak current value of 38 A, a rise time of 5 µs and a decay time of 310 µs.
There are three categories of surge generator type; single wave shape, combination wave shape and circuit defined. Single wave shape
generators have essentially the same waveshape for the open circuit voltage and short circuit current (e.g. 10/1000 µs open circuit voltage
and short circuit current). Combination generators have two wave shapes, one for the open circuit voltage and the other for the short circuit
current (e.g. 1.2/50 µs open circuit voltage and 8/20 µs short circuit current). Circuit specified generators usually equate to a combination
generator, although typically only the open circuit voltage waveshape is referenced (e.g. a 10/700 µs open circuit voltage generator typically
produces a 5/310 µs short circuit current). If the combination or circuit defined generators operate into a finite resistance the wave shape
produced is intermediate between the open circuit and short circuit values.
Figure 3. Typical Application Circuit
TEST
RELAY
RING
RELAY
SLIC
RELAY
TEST
EQUIP-
MENT
RING
GENERATOR
S1a
S1b
R1a
R1b
RING
WIRE
TIP
WIRE
Th1
Th2
Th3
Th4
Th5
SLIC
SLIC
PROTECTOR
RING/TEST
PROTECTION
OVER-
CURRENT
PROTECTION
S2a
S2b
TISP
61511D
TISP
3xxxF3
OR
7xxxF3
S3a
S3b
V
BAT
220 nF
AI6XAA


Similar Part No. - TISP61511D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511DR-S BOURNS-TISP61511DR-S Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP61511D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com