Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7038L1DR-S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP7038L1DR-S
Description  TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7038L1DR-S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP7038L1DR-S Datasheet HTML 1Page - Bourns Electronic Solutions TISP7038L1DR-S Datasheet HTML 2Page - Bourns Electronic Solutions TISP7038L1DR-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP7038L1DR-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP7038L1DR-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP7038L1DR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP7038L1DR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP7038L1DR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP7038L1DR-S Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
JULY 2000 – REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP70xxL1 (VLV) OvervoltageProtectors
Electrical Characteristics, TJ = 25 °C (Unless Otherwise Noted) (Continued)
Parameter
Test Conditions
Min
Typ
Max
Unit
C
NOTE 3: Value for any terminal pair, three-terminal guarded measurement with zero voltage bias on the unmeasured terminal.
KA
Off-state capacitance
f = 1 MHz, Vd = 1 V rms, VD = 0 (see Note 3)
TISP7015L1
TISP7038L1
24
17
pF
Thermal Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
RΘJA
Junction to free air thermal resistance
Ptot = 0.8 W, TA = 25 °C, 5 cm2, FR4 PCB
°C/W
170


Similar Part No. - TISP7038L1DR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7038L1DR-S BOURNS-TISP7038L1DR-S Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7038L1DR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com