Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6T-1218D Datasheet(PDF) 1 Page - AIMTEC

Part # AM6T-1218D
Description  6 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6T-1218D Datasheet(HTML) 1 Page - AIMTEC

  AM6T-1218D Datasheet HTML 1Page - AIMTEC AM6T-1218D Datasheet HTML 2Page - AIMTEC AM6T-1218D Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
65
VISIT US AT WWW.AIMTEC.CA
AM6T Series
24 PIN DIP PACKAGE
WIDE 2:1 INPUT RANGE
HIGH EFFICIENCY UP TO 79%
LOW PROFILE METAL PACKAGE
INPUT/OUTPUT ISOLATION: 1500 & 3500VDC
CONTINUOUS SHORT CIRCUIT PROTECTION
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
ELECTRICAL SPECIFICATIONS
Specification typical at +25°C, nominal input voltage, rated output current unless otherwise specified
MTBF: > 1,002,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated Voltage (60 sec)
1500 & 3500VDC
Resistance
>1000MOhm
Capacitance
120pF, typ.
Output Specifications:
Voltage accuracy
±1%, max.
Voltage balance (dual outputs) ±1%
Ripple & Noise (at 20MHz BW) 60mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02%/ºC, typ.
6 watt dc-dc converters
GENERAL DESCRIPTION
Our AM6T series is a family of cost effective 6W single
and dual output DC-DC converters. Input voltages of 12,
24 & 48 VDC with output voltages of 3.3, 5, 7.2, 9, 12, 15,
18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 & ±24VDC.
Full SMD-design and a 100% production test of parameters
ensures a high reliability in this product.
Input Specifications:
Voltage
12VDC, 9-18VDC
24VDC, 18-36VDC
48VDC, 36-72VDC
Filter
p
(Pi) Network
Environmental Specifications:
Operating temperature (ambient) -40°C ...+85°C
Storage temperature
-55ºC ... +125ºC
Case temperature
+100ºC, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
General Specifications:
Efficiency
74% to 79%
Switching Frequency
250KHz, typ. 100% load
Physical Specifications:
Dimensions
31.75x20.32x10.16mm
1.25x0.80x0.40inches
Weight
19g
Case material
Nickel-Coated Copper
Continued on next page


Similar Part No. - AM6T-1218D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6T-1218DH35Z AIMTEC-AM6T-1218DH35Z Datasheet
517Kb / 5P
   6 Watt | DC-DC Converter
AM6T-1218DH35Z AIMTEC-AM6T-1218DH35Z Datasheet
313Kb / 5P
   6 Watt | DC-DC Converter
AM6T-1218DZ AIMTEC-AM6T-1218DZ Datasheet
517Kb / 5P
   6 Watt | DC-DC Converter
AM6T-1218DZ AIMTEC-AM6T-1218DZ Datasheet
313Kb / 5P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6T-1218D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com