Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISPPBL3 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISPPBL3
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS (SLIC)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISPPBL3 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISPPBL3 Datasheet HTML 1Page - Bourns Electronic Solutions TISPPBL3 Datasheet HTML 2Page - Bourns Electronic Solutions TISPPBL3 Datasheet HTML 3Page - Bourns Electronic Solutions TISPPBL3 Datasheet HTML 4Page - Bourns Electronic Solutions TISPPBL3 Datasheet HTML 5Page - Bourns Electronic Solutions TISPPBL3 Datasheet HTML 6Page - Bourns Electronic Solutions TISPPBL3 Datasheet HTML 7Page - Bourns Electronic Solutions TISPPBL3 Datasheet HTML 8Page - Bourns Electronic Solutions TISPPBL3 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
OCTOBER 2000 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, VGK =0, -40 °C TJ 85 °CVDRM
-170
V
Repetitive peak gate-cathode voltage, VKA =0, - 40 °C TJ 85 °CVGKRM
-160
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
A
10/1000 µs(Telcordia GR-1089-CORE Issue 2, with Revision 1, February 1999)
30
5/310 µs (IT U-T K.20, K.21 & K.45, K.44 open-circuit voltage wave shape 10/700 µs)
40
2/10 µs(Telcordia GR-1089-CORE Issue 2, with Revision 1, February 1999)
100
Non-repetitive peak on-state current, 50/60 Hz, TA =25 °C (see Notes 2 and 3)
ITSM
A
100 ms
10
1s
5s
300 s
900 s
4.4
2.1
0.64
0.60
Non-repetitive peak gate current, 1/2 µspulse, cathodes commoned (see Note 1)
IGSM
40
A
Operating free-air temperature range
TA
-40 to +85
°C
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially, the protector must be in thermal equilibrium with -40 °C ≤ TJ ≤ 85 °C. The surge may be repeated after the device returns
to its initial conditions. Above 85 °C, derate linearly to zero at 150 °C lead temperature.
2. These non-repetitive rated currents are peak values for either polarity. The rated current values may be applied either to the Ring
to Ground or to the Tip to Ground terminal pairs. Additionally, both terminal pairs may have their rated current values applied
simultaneously (in this case the Ground terminal current will be twice the rated current value of an individual terminal pair).
3. Values for VGG = -120 V. For values at other voltages see Figure 4. Above 25 °C, derate linearly to zero at 150 °C lead
temperature.
The TISPPBL3 is a dual forward-conducting buffered p-gate overvoltage protector. It is designed to protect the Ericsson Microelectronics
SLICs (Subscriber Line Interface Circuits) against overvoltages on the telephone line caused by lightning, a.c. power contact and induction.
The TISPPBL3 limits voltages that exceed the referenced SLIC supply rail levels.
The SLIC line driver section is typically powered by a negative voltage, VBat, in the region of -10 V to -90 V. The protector gate is connected to
this negative supply. This references the protection (clipping) voltage to the negative supply voltage. As the protection voltage will track the
negative supply voltage, the overvoltage stress on the SLIC is minimized. The TISPPBL3 buffered gate design reduces the loading on the SLIC
supply during overvoltages caused by power cross and induction.
Positive overvoltages are clipped to ground by diode forward conduction. Negative overvoltages are initially clipped close to the SLIC negative
supply rail value. If sufficient current is available from the overvoltage, then the protector will crowbar into a low voltage ground referenced
on-state condition. As the overvoltage subsides, the high holding current of the crowbar prevents d.c. latchup.
These monolithic protection devices are fabricated in ion-implanted planar vertical power structures for high reliability and in normal system
operation they are virtually transparent. The TISPPBL3 has an 8-pin plastic small-outline surface mount package, D suffix, and is a universal
substitute for TISPPBL1D and TISPPBL2D devices.
Recommended Operating Conditions
Absolute Maximum Ratings, -40 °C ≤ TA ≤ 85 °C (Unless Otherwise Noted)
TISPPBL3 Programmable Protector
Description
See Figure 10
Min
Typ
Max
Unit
C1
Gate decoupling capacitor
100
220
nF
RSA
RSB
Series resistance for GR-1089-CORE first-level and second-level surge survival
Series resistance for GR-1089-CORE first-level surge survival
Series resistance for ITU-T recommendation K.20, K.21 and K.45 for coordination with a
400 V primary protector
40
25
10


Similar Part No. - TISPPBL3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL1P POINN-TISPPBL1P Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
logo
Bourns Electronic Solut...
TISPPBL1P BOURNS-TISPPBL1P Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL2D POINN-TISPPBL2D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
More results

Similar Description - TISPPBL3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com