Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4360MMBJR-S Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP4360MMBJR-S
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4360MMBJR-S Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP4360MMBJR-S Datasheet HTML 1Page - Bourns Electronic Solutions TISP4360MMBJR-S Datasheet HTML 2Page - Bourns Electronic Solutions TISP4360MMBJR-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP4360MMBJR-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP4360MMBJR-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP4360MMBJR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP4360MMBJR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP4360MMBJR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP4360MMBJR-S Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NOVEMBER 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP43xxMMAJ/BJ Overvoltage Protector Series
Description (Continued)
Overload Ratings, TA = 25 °C (Unless Otherwise Noted)
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
The protector consists of a symmetrical voltage-triggered bidirectional thyristor. Overvoltages are initially clipped by breakdown clamping until
the voltage rises to the breakover level, which causes the device to crowbar into a low-voltage on state. This low-voltage on state causes the
current resulting from the overvoltage to be safely diverted through the device. The high crowbar holding current prevents d.c. latchup as the
diverted current subsides.
This TISP43xxMM range consists of three voltage variants targeted at specific applications: ADSL, electro-mechanical hook switch and solid
state hook switch modems. These parts are guaranteed to voltage limit and withstand the listed international lightning surges in both
polarities. Two packages are available; SMB (JEDEC DO-214AA with J-bend leads) and SMA (JEDEC DO-214AC with J-bend leads). These
devices are supplied in embossed tape reel carrier pack. For alternative voltage and holding current values, consult the factory.
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage,
‘4300
‘4350
‘4360
VDRM
±230
±275
±290
V
Non-repetitive peak on-state pulse current (see Notes 2, 3 and 4)
ITSP
A
2/10 µs (GR-1089-CORE, 2/10 µs voltage wave shape)
250
10/160 µs (FCC Part 68 (TIA/EIA-IS-968), 10/160 µs voltage wave shape)
75
5/320 µs (FCC Part 68 (TIA/EIA-IS-968), 9/720 µs voltage wave shape)
65
5/310 µs (ITU-T K.44, 10/700 µs voltage wave shape used in K.20/45/21)
65
10/560 µs (FCC Part 68 (TIA/EIA-IS-968), 10/560 µs voltage wave shape)
55
10/1000 µs (GR-1089-CORE, 10/1000 µs voltage wave shape)
50
Non-repetitive peak on-state current (see Notes 2, 3 and 4)
ITSM
18
7
1.6
A
20 ms (50 Hz) full sine wave
1 s (50 Hz) full sine wave
1000 s 50 Hz/60 Hz a.c.
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. For voltage values at lower temperatures derate at 0.13 %/°C.
2. Initially, the TISP43xxMM must be in thermal equilibrium with TJ = 25 °C.
3. The surge may be repeated after the TISP43xxMM returns to its initial conditions.
4. EIA/JESD51-2 environment and EIA/JESD51-3 PCB with standard footprint dimensions connected with 5 A rated printed wiring
track widths. Derate current values at -0.61 %/°C for ambient temperatures above 25 °C.
Rating
Symbol
Value
Unit
Peak overload on-state current, Type A impulse (see Note 5)
IT(OV)M
200
100
A
10/160 µs
10/560 µs
Peak overload on-state current, a.c. power cross tests UL 60950 (see Note 5)
IT(OV)M
See Figure 10
for current
versus time
A
NOTE
5: These electrical stress levels may damage the TISP43xxMM silicon chip. After test, the pass criterion is either that the device is
functional or, if it is faulty, that it has a short circuit fault mode. In the short circuit fault mode, the following equipment is protected
as the device is a permanent short across the line. The equipment would be unprotected if an open circuit fault mode developed.


Similar Part No. - TISP4360MMBJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4360M3AJ BOURNS-TISP4360M3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4360M3AJ BOURNS-TISP4360M3AJ Datasheet
376Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4360M3AJR BOURNS-TISP4360M3AJR Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4360M3AJR-S BOURNS-TISP4360M3AJR-S Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4360M3BJ BOURNS-TISP4360M3BJ Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4360MMBJR-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com