Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISPPBL3DR-S Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISPPBL3DR-S
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS (SLIC)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISPPBL3DR-S Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISPPBL3DR-S Datasheet HTML 1Page - Bourns Electronic Solutions TISPPBL3DR-S Datasheet HTML 2Page - Bourns Electronic Solutions TISPPBL3DR-S Datasheet HTML 3Page - Bourns Electronic Solutions TISPPBL3DR-S Datasheet HTML 4Page - Bourns Electronic Solutions TISPPBL3DR-S Datasheet HTML 5Page - Bourns Electronic Solutions TISPPBL3DR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISPPBL3DR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISPPBL3DR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISPPBL3DR-S Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
OCTOBER 2000 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Parameter Measurement Information
TISPPBL3 Programmable Protector
PARAMETER MEASUREMENT INFORMATION
Figure 3 TEST CIRCUIT FOR MEASUREMENT OF LIMITING VOLTAGE
RS
40
Hi
V
B
(V
GG )
AI6XBACE
IMPULSE
CURRENT
I
T, IF
LIMITING
VOLTAGE
V
K , VF
Lo
DUT
(TISPPBLx)
C1
220 nF
RS = ONE SECTION OF A BOURNS
4B04B-523-400 OR A
4B04B-524-400 LINE FEED
RESISTOR NETWORK
ECAT WITH E505
2/10 OUTPUT NETWORK
I
G
Th4
Th5
Thermal Information
Figure 4
PEAK NON-RECURRING AC
vs
CURRENT DURATION
t — Current Duration — s
0.01
0.1
1
10
100
1000
0.5
0.6
0.7
0.8
1.5
2
3
4
5
6
7
8
15
20
1
10
V
GG = - 60 V
V
GG = -80 V
V
GG = -100 V
V
GG = -120 V
RING AND TIP TERMINALS:
Equal I
TSM values applied
simultaneously
GROUND TERMINAL:
Current twice I
TSM value
EIA /JESD51
Environment and
PCB, T
A = 25 °
TI61AF


Similar Part No. - TISPPBL3DR-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL1P POINN-TISPPBL1P Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
logo
Bourns Electronic Solut...
TISPPBL1P BOURNS-TISPPBL1P Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL2D POINN-TISPPBL2D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
More results

Similar Description - TISPPBL3DR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com