Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3314J-3-502E Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 3314J-3-502E
Description  4 mm Square Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3314J-3-502E Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  3314J-3-502E Datasheet HTML 1Page - Bourns Electronic Solutions 3314J-3-502E Datasheet HTML 2Page - Bourns Electronic Solutions 3314J-3-502E Datasheet HTML 3Page - Bourns Electronic Solutions 3314J-3-502E Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Packaging Specifications
ROTOR POSITIONED AS SHOWN
WITHIN ± 22° OF CENTERLINE
OF TERMINAL 2
1
2
3
2.41
(.095)
ADJ. SLOT
LONG
0.51
(0.02)
WIDE
X
0.60
(0.236)
DEEP
X
3314S-1
(Bourns Marking, Straight Slot)
3314S
Common Dimensions
1.42
(.056)
REF.
0.61
(.024)
5.01
(.197)
2.54
(0.10)
3 PLCS.
3.5
(0.138)
1.27
(0.50)
1.05
(0.041)
1.42 ± 0.13
(0.056 ± 0.005)
1.2
(0.47)
4.5
(0.177)
4.95 ± 0.13
(0.193 ± 0.005)
5.61
(0.221)
5.81 ± 0.13
(0.229 ± 0.005)
3.13
(0.123)
1.15
(0.045)
5.8
(.228)
1.75
(0.069)
1.75
(0.069)
1.6
(0.063)
RECOMMENDED PCB LAYOUT
1.15
(0.045)
1.2
(0.47)
1.1
(0.43)
ROTOR POSITIONED AS SHOWN
WITHIN ± 22° OF CENTERLINE
OF TERMINAL 2
1
2
3
2.41
(.095)
ADJ. SLOT
LONG
0.51
(0.02)
WIDE
X
0.60
(0.236)
DEEP
X
3314S-2
(Bourns Marking, Cross Slot)
ROTOR POSITIONED AS SHOWN
WITHIN ± 22° OF CENTERLINE
OF TERMINAL 2
1
2
3
2.41
(.095)
ADJ. SLOT
LONG
0.51
(0.02)
WIDE
X
0.60
(0.236)
DEEP
X
3314S-4
(Reverse Marking, Cross Slot)
ROTOR POSITIONED AS SHOWN
WITHIN ± 22° OF CENTERLINE
OF TERMINAL 2
1
2
3
2.41
(.095)
ADJ. SLOT
LONG
0.51
(0.02)
WIDE
X
0.60
(0.236)
DEEP
X
3314S-3
(Reverse Marking, Straight Slot)
REEL
59.18 ± 2.03
(2.330 ± .080)
2.67 ± .25
(.105 ± .010)
21.01 ± .79
(.827 ± .031)
DIA.
1.78 ± .25
(.070) ± .010)
13.0 ± .51
(.512 ± .020)
DIA.
16.4 + 2.0/ -.00
(.646 + .079/ - .00)
(S Style)
16.00 ± 0.3
(.630 ± 0.012)
1.5 + 0.1/-0.0
(0.59 +.004 /-0.0)
R
MAX.
0.3
(.012)
DIA.
MIN.
DIA.
1.5
(.059)
12.0
(.472)
7.50 ± 0.10
(.295 ± .004)
TAPE
1.75
(.069)
4.0
(.157)
2.0
(.079)
5.5
(.327)
8.3
(.358)
5° MAX.
0.50 ± 0.10
(.020 ± .004)
177.8 ± 2.03
(7.00 ± .080)
* Embossed Tape Designator "E"
** Embossed Tape Designator "G"
(See How To Order chart for further information.)
Meets EIA specification 481.
DIA.*
330.2 ± 2.0
(13.00 ± .079)
DIA.**
Product Dimensions
3314 - 4 mm Square Trimming Potentiometer
1
3 CW
CLOCKWISE
CCW
2 WIPER
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.30 (.012) EXCEPT WHERE NOTED


Similar Part No. - 3314J-3-502E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314J-3-502E BOURNS-3314J-3-502E Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314J-3-502E BOURNS-3314J-3-502E Datasheet
619Kb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314J-3-502E BOURNS-3314J-3-502E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314J-3-502E BOURNS-3314J-3-502E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314J-3-502E BOURNS-3314J-3-502E Datasheet
240Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
More results

Similar Description - 3314J-3-502E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3364 BOURNS-3364 Datasheet
192Kb / 2P
   4 mm Square Trimming Potentiometer
3364 BOURNS-3364 Datasheet
192Kb / 2P
   4 mm Square Trimming Potentiometer
3314J-1-204E BOURNS-3314J-1-204E Datasheet
240Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314 BOURNS-3314_1 Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314J-1-201E BOURNS-3314J-1-201E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314G-1-203E BOURNS-3314G-1-203E Datasheet
1Mb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314Z-1-102E BOURNS-3314Z-1-102E Datasheet
619Kb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314J-1-102E BOURNS-3314J-1-102E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-500E BOURNS-3314J-1-500E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-101E BOURNS-3314J-1-101E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com