Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLB0912-102KL Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # RLB0912-102KL
Description  Radial Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB0912-102KL Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  RLB0912-102KL Datasheet HTML 1Page - Bourns Electronic Solutions RLB0912-102KL Datasheet HTML 2Page - Bourns Electronic Solutions RLB0912-102KL Datasheet HTML 3Page - Bourns Electronic Solutions RLB0912-102KL Datasheet HTML 4Page - Bourns Electronic Solutions RLB0912-102KL Datasheet HTML 5Page - Bourns Electronic Solutions RLB0912-102KL Datasheet HTML 6Page - Bourns Electronic Solutions RLB0912-102KL Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Surface Mount Chip Inductor Capability Matrix
RLB Series Radial Inductors
RLB0914 Series Electrical Characteristics
BOURNS Part No.
Inductance
Q
Test freq. (MHz)
SRF
RDC
IDC
(µH)
ref.
L, Q
(MHz) min.
(ohms) max.
(A) max.
RLB0914-3R3ML
3.3 ± 20 %
20
7.960
70.0
0.027
3.60
RLB0914-4R7ML
4.7 ± 20 %
20
7.960
50.0
0.033
3.20
RLB0914-6R8ML
6.8 ± 20 %
20
7.960
30.0
0.039
3.00
RLB0914-100KL
10.0 ± 10 %
50
2.520
20.0
0.048
2.70
RLB0914-120KL
12.0 ± 10 %
50
2.520
15.0
0.055
2.50
RLB0914-150KL
15.0 ± 10 %
50
2.520
10.0
0.060
2.40
RLB0914-180KL
18.0 ± 10 %
40
2.520
9.5
0.065
2.30
RLB0914-220KL
22.0 ± 10 %
40
2.520
9.0
0.090
1.90
RLB0914-270KL
27.0 ± 10 %
40
2.520
8.5
0.110
1.80
RLB0914-330KL
33.0 ± 10 %
40
2.520
8.0
0.120
1.70
RLB0914-390KL
39.0 ± 10 %
30
2.520
7.0
0.130
1.60
RLB0914-470KL
47.0 ± 10 %
30
2.520
6.0
0.140
1.50
RLB0914-560KL
56.0 ± 10 %
30
2.520
5.0
0.200
1.30
RLB0914-680KL
68.0 ± 10 %
30
2.520
4.5
0.210
1.20
RLB0914-820KL
82.0 ± 10 %
30
2.520
4.0
0.230
1.10
RLB0914-101KL
100.0 ± 10 %
30
0.796
3.5
0.280
1.00
RLB0914-121KL
120.0 ± 10 %
30
0.796
3.0
0.320
0.90
RLB0914-151KL
150.0 ± 10 %
30
0.796
2.8
0.370
0.80
RLB0914-181KL
180.0 ± 10 %
30
0.796
2.6
0.540
0.75
RLB0914-221KL
220.0 ± 10 %
20
0.796
2.4
0.600
0.70
RLB0914-271KL
270.0 ± 10 %
20
0.796
2.2
0.680
0.65
RLB0914-331KL
330.0 ± 10 %
20
0.796
2.0
0.760
0.60
RLB0914-391KL
390.0 ± 10 %
20
0.796
1.9
0.850
0.55
RLB0914-471KL
470.0 ± 10 %
20
0.796
1.8
1.300
0.50
RLB0914-561KL
560.0 ± 10 %
20
0.796
1.7
1.400
0.45
RLB0914-681KL
680.0 ± 10 %
20
0.796
1.6
1.600
0.40
RLB0914-821KL
820.0 ± 10 %
20
0.796
1.5
1.800
0.35
RLB0914-102KL
1000.0 ± 10 %
40
0.252
1.3
2.100
0.30
Packaging: 200 pieces per bag


Similar Part No. - RLB0912-102KL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RLB0912-1R5ML ONSEMI-RLB0912-1R5ML Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
More results

Similar Description - RLB0912-102KL

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
RCH-654 ECM-RCH-654 Datasheet
145Kb / 3P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB1R0N TAIYO-YUDEN-LHL08TB1R0N Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB2R2M TAIYO-YUDEN-LHL08TB2R2M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB3R9M TAIYO-YUDEN-LHL08TB3R9M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB151K TAIYO-YUDEN-LHL10TB151K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB153J TAIYO-YUDEN-LHL10TB153J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB182J TAIYO-YUDEN-LHL10TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB273J TAIYO-YUDEN-LHL10TB273J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB102K TAIYO-YUDEN-LHLP12NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLC08TB820K TAIYO-YUDEN-LHLC08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com