Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD214A-B140LLF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD214A-B140LLF
Description  Schottky Barrier Rectifier Chip Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B140LLF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD214A-B140LLF Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B140LLF Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B140LLF Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B140LLF Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B140LLF Datasheet HTML 5Page - Bourns Electronic Solutions CD214A-B140LLF Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A-B120 ~ B1100 Schottky Barrier Rectifier Chip Diode
Rating and Characteristic Curves: CD214A-B120, CD214A-B130, CD214A-B140, CD214A-B150 & CD214A-B160
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
0.1
1
10
0.01
0.0
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
Forward Voltage (Volts)
1.2
Tj=75 °C
PULSEWIDTH 300µs
B120 to B140
B150 to B160
100
0.1
1
10
0.001
0.01
0
20
40
60
80
100
140
Percent of Rated Peak Reverse Voltage (%)
120
Tj=25 °C
Tj=100 °C
Tj=125 °C
1.25
1.00
0.75
0.50
0.25
0.00
25
50
75
100
125
150
Lead Temperature (°C)
Single Phase Half Wave 60 Hz
Resistive or Inductive Load
1000
100
200
300
400
500
600
700
800
900
0
020
40
60
80
100
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


Similar Part No. - CD214A-B140LLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-B140LR BOURNS-CD214A-B140LR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results

Similar Description - CD214A-B140LLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com