Electronic Components Datasheet Search |
|
TISP7350F3DR-S Datasheet(PDF) 3 Page - Bourns Electronic Solutions |
|
TISP7350F3DR-S Datasheet(HTML) 3 Page - Bourns Electronic Solutions |
3 / 19 page MARCH 1994 - REVISED MARCH 2006 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Electrical Characteristics for all Terminal Pairs, TA = 25 °C (Unless Otherwise Noted) Parameter Test Conditions Min Typ Max Unit IDRM Repetitive peak off- state current VD =VDRM, 0 °C< TA <70 °C ±10 µA V(BO) Breakover voltage dv/dt = ±250 V/ms, RSOURCE = 300 Ω ‘7125F3 ‘7150F3 ‘7180F3 ‘7240F3 ‘7260F3 ‘7290F3 ‘7320F3 ‘7350F3 ‘7380F3 ±125 ±150 ±180 ±240 ±260 ±290 ±320 ±350 ±380 V V(BO) Impulse breakover voltage dv/dt ≤ ±1000 V/µs, Linear voltage ramp, Maximum ramp value = ±500 V di/dt = ±20 A/µs, Linear current ramp, Maximum ramp value = ±10 A ‘7125F3 ‘7150F3 ‘7180F3 ‘7240F3 ‘7260F3 ‘7290F3 ‘7320F3 ‘7350F3 ‘7380F3 ±143 ±168 ±198 ±269 ±289 ±319 ±349 ±379 ±409 V I(BO) Breakover current dv/dt = ±250 V/ms, RSOURCE = 300 Ω ±0.1 ±0.8 A VT On-state voltage IT = ±5A, tW = 100 µs ±5V IH Holding current IT = ±5A, di/dt= - /+30mA/ms ±0.15 A dv/dt Critical rate of rise of off-state voltage Linear voltage ramp, Maximum ramp value < 0.85VDRM ±5kV/µs ID Off-state current VD = ±50 V ±10 µA Coff Off-state capacitance f= 1 MHz, Vd =1 V rms, VD =0 f= 1 MHz, Vd =1 V rms, VD =-1 V f= 1 MHz, Vd =1 V rms, VD =-2 V f= 1 MHz, Vd =1 V rms, VD =-5 V f= 1 MHz, Vd =1 V rms, VD =-50 V f= 1 MHz, Vd =1 V rms, VD = -100 V f= 1 MHz, Vd =1 V rms, VDTR =0 (see Note 4) ‘7125 thru ‘7180 ‘7240 thru ‘7380 ‘7125 thru ‘7180 ‘7240 thru ‘7380 ‘7125 thru ‘7180 ‘7240 thru ‘7380 ‘7125 thru ‘7180 ‘7240 thru ‘7380 ‘7125 thru ‘7180 ‘7240 thru ‘7380 ‘7125 thru ‘7180 ‘7240 thru ‘7380 ‘7125 thru ‘7180 ‘7240 thru ‘7380 37 31 40 34 36 30 31 24 17 13 14 10 20 17 48 41 52 44 47 39 40 31 23 17 18 13 27 23 pF NOTE 4: Three-terminal guarded measurement, unmeasured terminal voltage bias is zero. First six capacitance values, with bias VD, are for the R-G and T-G terminals only. The last capacitance value, with bias VDTR, is for the T-R terminals. Thermal Characteristics TISP7xxxF3 (MV, HV) Overvoltage Protector Series Parameter Test Conditions Min Typ Max Unit RθJA Junction to free air thermal resistance Ptot =0.8 W, TA = 25 °C 5cm2, FR4 PCB D Package 160 °C/W SL Package 135 |
Similar Part No. - TISP7350F3DR-S |
|
Similar Description - TISP7350F3DR-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |