Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS201212-1R5K Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CS201212-1R5K
Description  Ferrite Multi-Layer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CS201212-1R5K Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CS201212-1R5K Datasheet HTML 1Page - Bourns Electronic Solutions CS201212-1R5K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CS201212 Series - Ferrite Multi-Layer Chip Inductors
REV. 07/05
Electrical Specifications
10
1
0.01
DC Bias (mA)
DC Bias Characteristics
0.1
10
1
100
100
1000 1800
1.0µH
10µH
0.1µH
0.1µH
10
1
0.01
Inductance Characteristics
0.1
100
10
1
100
1000 1800
1.0µH
10µH
Frequency (MHz)
10
1
0
10
20
40
50
60
70
80
90
100
Q
Q Characteristics
100
1000 1800
10µH
1.0µH
0.1µH
Frequency (MHz)
10
1
0.1
Frequency (MHz)
Impedance Characteristics
10
1
100
1000
10000
100
1000 1800
050
-25
-15
-10
-5
0
5
10
15
Temperature (°C)
Temperature Characteristics
25
75
0.1µH
0.1µH
1.0µH
10µH
1.0µH
10µH
30


Similar Part No. - CS201212-1R5K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS2012 ETC-CS2012 Datasheet
3Mb / 7P
   Typical Performance Characteristics
logo
Transko Electronics, In...
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
   MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
logo
CUI INC
CS20120B CUI-CS20120B Datasheet
340Kb / 4P
   CURRENT SENSOR
CS2012B CUI-CS2012B Datasheet
341Kb / 4P
   CURRENT SENSOR
logo
SAMWHA ELECTRIC
CS2012C0G104B100NBA SAMWHA-CS2012C0G104B100NBA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
More results

Similar Description - CS201212-1R5K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
   Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CV201210 BOURNS-CV201210_11 Datasheet
190Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
   Multi-layer Chip Inductors - Ferrite
CTML0805 CT-CTML0805 Datasheet
228Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com