Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3310R-003-103 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # 3310R-003-103
Description  Square Sealed Panel Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3310R-003-103 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  3310R-003-103 Datasheet HTML 1Page - Bourns Electronic Solutions 3310R-003-103 Datasheet HTML 2Page - Bourns Electronic Solutions 3310R-003-103 Datasheet HTML 3Page - Bourns Electronic Solutions 3310R-003-103 Datasheet HTML 4Page - Bourns Electronic Solutions 3310R-003-103 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3310 - 9 mm Square Sealed Panel Control
COMMON DIMENSIONS
3310H-003
Pot/Switch Dual Cup
Plastic Bushing
3310H-025*
Pot/Pot Dual Cup
Bushingless
Pot/Pot Dual Cup
Pot/Switch Dual Cup
Pot Single Cup
3310H-002
Pot/Pot Dual Cup
Metal Bushing
9.53 ± .25
(.375 ± .010)
PRIMARY
ELEMENT
PRIMARY
ELEMENT
SECONDARY
ELEMENT
SWITCH
32
1
BC
A
32
1
65
4
PRIMARY
ELEMENT
SECONDARY
ELEMENT
MOUNTING
SURFACE
ANTI-ROTATION LUG
1/4-32 UNEF-2A
THREADED
METAL BUSHING
32
1
65
4
2.54 ± .25
(0.10 ± .010)
5.08 ± .25
(0.20 ± .010)
7.54 ± .64
(0.297 ± .025)
12.70 ± .64
(0.50 ± .025)
6.35 ± .08
(0.25 ± .003)
MOUNTING DIA.
5.59 ± .38
(0.220 ± .015)
1
2
3
4
5
6
PRIMARY
WIPER
SECONDARY
CW
CCW
CW
CCW
CLOCKWISE
CLOCKWISE
1
2
3
A
C
B
PRIMARY
CW
CCW
CW
COMMON
SWITCH
CCW
CLOCKWISE
CLOCKWISE
1
2
3
PRIMARY
CW
CCW
CLOCKWISE
6.35 ± .08
(0.25 ± .003)
MOUNTING DIA.
.36 ± .10
(0.14 ± .004)
12.70 ± .64
(0.50 ± .025)
7.62 ± .64
(0.29 ± .025)
5.97 ± .89
(0.235 ± .035)
.64 ± .10
(.025 ± .004)
ADJ. SLOT
DEEP
WIDE X
.76 ± .08
(.03 ± .004)
.69 ± .10
(.027 ± .004)
ADJ. SLOT
DEEP
WIDE X
.76 ± .08
(.03 ± .004)
5.97 ± .89
(.235 ± .035)
2.54 ± .25
(0.10 ± .010)
3.18 ± .05
(.125 ± .002)
DIA.
9.75 ± .38
(.383 ± .015)
.38
(.015)
MIN.
STANDOFF
.38
(.015)
MIN.
STANDOFF
.38
(.015)
MIN.
STANDOFF
.76
(.03)
6.35
(0.25)
7.62
(0.30)
TYP.
1.14
(0.045)
TYP.
6.35
(0.25)
.51 ± .05
(.020 ± .002)
TIN PLATED
COPPER PINS
MOUNTING
SURFACE
ANTI-ROTATION LUG
1/4-32 UNEF-2A
THREADED
PLASTIC BUSHING
DIA.
.48
(.019)
4 PLCS.
NOTE: * Only recommended shaft length
for bushingless version
7.62 ± .20
(0.30 ± .008)
MOUNTING
SURFACE
DIA.
3.18 ± .05
(.125 ± .002)
DIA.
DIMENSIONS ARE:
MM
(INCHES)
Product Dimensions
REV. 04/06


Similar Part No. - 3310R-003-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3310R-001 BOURNS-3310R-001 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310R-002 BOURNS-3310R-002 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310R-005 BOURNS-3310R-005 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
More results

Similar Description - 3310R-003-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3360 BOURNS-3360 Datasheet
162Kb / 2P
   6 mm Square Sealed Panel Control
3310C-001-503L BOURNS-3310C-001-503L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310C-001-202L BOURNS-3310C-001-202L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310Y-001-103L BOURNS-3310Y-001-103L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
logo
Vishay Siliconix
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
   Sealed 1/2 (12.5 mm) Square Control
logo
Vishay Siliconix
P10 VISHAY-P10_V01 Datasheet
90Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com