Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3701H-1-103L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3701H-1-103L
Description  Precision Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3701H-1-103L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3701H-1-103L Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3700/3701 - Precision Potentiometer
Features
Bushing mount
Excellent resolution
Non-standard features and specifications
available
Small diameter
High rotational life
Electrical Characteristics
1
3700 Wirewound Element 3701 Hybritron
¤ Element
Standard Resistance Range ..............100 to 100 K ohms ..................1 K to 100 K ohms
Total Resistance Tolerance ................±5 % ........................................±10 %
Independent Linearity ........................±0.25 % ....................................±0.25 %
Effective Electrical Angle ....................3600 ° +10 °, -0 ° ....................3600 ° +10 °, -2 °
Absolute Minimum Resistance/..........1 ohm or 0.1 % maximum........Minimum voltage
Minimum Voltage
(whichever is greater)
0.2 % maximum
Noise ..................................................500 ohms ENR maximum ........Output smoothness 0.1 %
maximum
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level ........................................1,000 VAC minimum ................1,000 VAC minimum
Power Rating (Voltage Limited By Power Dissipation or 315 VAC, Whichever Is Less)
+70 °C ............................................1 watt........................................1 watt
+125 °C ..........................................0 watt........................................0 watt
Insulation Resistance (500 VDC) ........1,000 megohms minimum ........1,000 megohms minimum
Resolution ............................................See recommended part nos. ....Essentially infinite
Environmental Characteristics
1
Operating Temperature Range ..........+1 °C to +125 °C ......................+1 °C to +105 °C
Storage Temperature Range ..............-65 °C to +125 °C ....................-55 °C to +105 °C
Temperature Coefficient Over
Storage Temperature Range
2
........±50 ppm/°C maximum/unit ......±100 ppm/°C maximum/unit
Vibration..............................................20 G ..........................................20 G
Wiper Bounce ................................0.1 millisecond maximum ........0.1 millisecond maximum
Shock..................................................100 G ........................................100 G
Wiper Bounce ................................0.1 millisecond maximum ........0.1 millisecond maximum
Load Life ............................................1,000 hours, 1 watt ..................1,000 hours, 1 watt
Total Resistance Shift ....................±2 % maximum ........................±5 % maximum
Rotational Life (No Load) ....................1,000,000 shaft revolutions
2
....4,000,000 shaft revolutions
2
Total Resistance Shift ....................±5 % maximum ........................±5 % maximum
Moisture Resistance (MIL-STD-202, Method 103, Condition B)
Total Resistance Shift ....................±2 % maximum ........................±5 % maximum
IP Rating ............................................IP 40 ........................................IP 40
Mechanical Characteristics
1
Stop Strength ...............................................................................................14 N-cm (20 oz-in.) minimum
Mechanical Angle ......................................................................................................3600 ° +20 °, -0 °
Torque (Starting & Running)......................................................................0.45 N-cm (0.6 oz.-in.) max.
Mounting.....................................................................................170-200 N-cm (15-18 lb.-in.) max.
Shaft Runout..................................................................................................0.05 mm (0.002 in.) T.I.R.
Lateral Runout ...............................................................................................0.13 mm (0.005 in.) T.I.R.
Shaft End Play ...............................................................................................0.13 mm (0.005 in.) T.I.R.
Shaft Radial Play ...........................................................................................0.08 mm (0.003 in.) T.I.R.
Pilot Diameter Runout ...................................................................................0.05 mm (0.002 in.) T.I.R.
Backlash ........................................................................................................................1.0 ° maximum
Weight..................................................................................................................Approximately 28 gm
Terminals ............................................Gold-plated solderlugs (3700) or gold-plated turret lugs (3701)
Soldering Condition ....................Recommended hand soldering using Sn95/Ag5 no clean solder,
0.025 ” wire diameter. Maximum temperature 399 °C (750 °F) for 3 seconds.
No wash process to be used with no clean flux.
Marking .................................................Manufacturer’s name and part number, resistance value and
tolerance, linearity tolerance, wiring diagram, and date code
Ganging (Multiple Section Pots.) .................................................................................1 cup maximum
Hardware ...................................................One lockwasher (H-37-1) and one mounting unit (H-38-1)
is shipped with each potentiometer.
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
2Consult manufacturer for complete specification details.
Recommended Part Numbers
Part Number
Resistance (Ω)
Resolution
3700S-1-102L
1,000
0.43
3700S-1-202L
2,000
0.35
3700S-1-502L
5,000
0.34
3700S-1-103L
10,000
0.26
Part Number
Resistance (Ω)
3701H-1-102L
1,000
3701H-1-202L
2,000
3701H-1-502L
5,000
3701H-1-103L
10,000
13
CCW
CW
CW
2
12.2
(.48)
STANDOFFS
11.81
(.465)
12.70
(.500)
MOUNTING
SURFACE
3700S-1/3701H-1
3.30
(.13)
11.11
(7/16)
CCW
CW
1/4"-32-UNEF-2ATHD
1.52
(.06)
WIPER
90 ° ± 5 °
7 ° ± 2 °
LOCKWASHER AND MOUNTING NUT
TO BE SUPPLIED WITH EACH UNIT
.28
(9/32)
25.40 ± .51
(1.00 ± .02)
2.37 + .00/- .01
(.0935+.0000/-.0003)
DIA.
7.14 + .00/- .01
(.281+.000/-.002)
DIA.
17.46 ± .80
(11/16 ± 1/32)
ADJUSTMENT SLOT
.81
WIDE X
.81 ± .25 DEEP
(.032)
(.032 ± .010)
9.53
(3/8)
12.7
(1/2)
15.54
(.612)
R
DIA.
DIA.
22.23 ± .38
(.875 ± .015)
TOLERANCES: EXCEPT WHERE NOTED
.25
.13
DECIMALS: .XX ±
(.010),
.XXX ±
(.005)
FRACTIONS: ±1/64
MM
DIMENSIONS:
(IN)
.25
(.010)
X 45 ° CHAMFER
BOLDFACE LISTINGS ARE IN STOCK AND READILY
AVAILABLE THROUGH DISTRIBUTION.
FOR OTHER OPTIONS CONSULT FACTORY.
TERMINALS:
L = RoHS COMPLIANT
BLANK = STANDARD
REV. 06/06
Models 3700 and 3701 are currently
available, although not recommended
for new designs.


Similar Part No. - 3701H-1-103L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3701H-1-103L BOURNS-3701H-1-103L Datasheet
305Kb / 2P
   Precision Potentiometer
More results

Similar Description - 3701H-1-103L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
   Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
   Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
   Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
   Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
   Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
   Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
   Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
   Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
   Precision Potentiometer
3590 BOURNS-3590 Datasheet
241Kb / 1P
   Precision Potentiometer
logo
Bi technologies
5311 BITECH-5311 Datasheet
77Kb / 3P
   Precision Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com