Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20E-4805SC Datasheet(PDF) 1 Page - AIMTEC

Part # AM20E-4805SC
Description  20 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20E-4805SC Datasheet(HTML) 1 Page - AIMTEC

  AM20E-4805SC Datasheet HTML 1Page - AIMTEC AM20E-4805SC Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
82
TO ORDER CALL 1-888-9-AIMTEC
AM20E-C Series
20 watt dc-dc converters
POWER MODULES FOR PCB MOUNTING
SYNCHRONOUS RECTIFIER TOPOLOGY
SURFACE MOUNT TECHNOLOGY
STANDARD 2”x1” PACKAGE AND PINOUT
REMOTE ON/OFF CONTROL ( OPTIONAL)
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM20E-C series is a family of cost effective 20W single output
DC-DC converters. These converters are shielded on all six sides and
encapsulated with a nickel-coated copper with a non-conductive base
anddimensionsof50.8x25.4x10.5mm.Thehighperformancefeatures
ofourAM20E-Ccomponentsincludeshortcircuitprotectionwithcur-
rent limit auto recovery, tight line regulation and a high efficiency
operationcoefficientupto88%.
Six models operate from an input voltage range of 24 &
48VDC then converts it into output voltages of 2.5, 3,3 &
5VDC. The normal operation is specified over the full
operating temperature range of -25°C to +71°C with no
derating required. Cooling is done by free air convection.
MTBF: > 550,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500VDC
Resistance
>1000 Mohms
Capacitance
1000pF
Output Specifications:
Voltage accuracy
±2%
Ripple
<0.2% Vout +20mVmax (Vp-p)
Noise
<0.5% Vout +50mVmax (Vp-p)
Short circuit protection
Current limit, auto-recovery
Over current protection
Works over 120% of rating
and recovers automatically
Over voltage protection Zener diode clamp protection
Line regulation (HL-LL) ±0.5%(typ.)
Load regulation (10-100%) ±1%(typ.)
Temperature coefficient ±0.02%/°C
Input Specifications:
Voltage range
24VDC, 18~36VDC
48 VDC, 36~75VDC
Filter
p
(Pi) Network
Environmental Specifications:
Operating temperature
-25°C …+71°C
Storage temperature
-55°C …+105°C
Case temperature
+95°C, max.
Humidity (non-condensing)
Up to 95%
Cooling
Free-air convection
Physical Specifications:
Dimensions
50.8x25.4x10.5mm,
2.0x1.0x0.413inches
Weight
32g
Case material
Nickel-Coated Copper
with Non-Conductive base,
six sides’ shielded
General Specifications:
Efficiency
85% to 88%
Switching frequency
400KHz, typ. 100% load
Continued on next page


Similar Part No. - AM20E-4805SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-4805S-NZ AIMTEC-AM20E-4805S-NZ Datasheet
911Kb / 9P
   DC-DC Converter
AM20E-4805SZ AIMTEC-AM20E-4805SZ Datasheet
543Kb / 5P
   20 Watt | DC-DC Converter
AM20E-4805SZ AIMTEC-AM20E-4805SZ Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20E-4805SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20U-C AIMTEC-AM20U-C Datasheet
363Kb / 3P
   20 watt dc-dc converters
logo
TRACO Electronic AG
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
   DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
logo
RSG Electronic Componen...
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
   20 WATT WIDE INPUT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEN20WI TRACOPOWER-TEN20WI Datasheet
645Kb / 6P
   DC/DC Converters TEN 20WI Series, 20 Watt
Rev. May 7, 2021
logo
CINCON ELECTRONICS Corp...
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-110 CINCON-EC7BW-110 Datasheet
212Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
EC4SBW CINCON-EC4SBW Datasheet
287Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
logo
List of Unclassifed Man...
UM1500 ETC1-UM1500 Datasheet
294Kb / 2P
   UM1500 SERIES, 15 to 20 Watt DC-DC Converters
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC7B CINCON-EC7B Datasheet
216Kb / 2P
   20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com