Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC337 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BC337
Description  NPN general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC337 Datasheet(HTML) 6 Page - NXP Semiconductors

  BC337 Datasheet HTML 1Page - NXP Semiconductors BC337 Datasheet HTML 2Page - NXP Semiconductors BC337 Datasheet HTML 3Page - NXP Semiconductors BC337 Datasheet HTML 4Page - NXP Semiconductors BC337 Datasheet HTML 5Page - NXP Semiconductors BC337 Datasheet HTML 6Page - NXP Semiconductors BC337 Datasheet HTML 7Page - NXP Semiconductors BC337 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1999 Apr 15
6
Philips Semiconductors
Product specification
NPN general purpose transistor
BC337
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
245Kb / 19P
   45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Unisonic Technologies
BC337 UTC-BC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
KEC(Korea Electronics)
BC337 KEC-BC337 Datasheet
31Kb / 1P
   TO-92 PACKAGE
logo
Semtech Corporation
BC337 SEMTECH-BC337 Datasheet
343Kb / 5P
   NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
More results

Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com