Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN201J31S115Q Datasheet(PDF) 4 Page - ITT Industries

Part # CN201J31S115Q
Description  Double Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CN201J31S115Q Datasheet(HTML) 4 Page - ITT Industries

  CN201J31S115Q Datasheet HTML 1Page - ITT Industries CN201J31S115Q Datasheet HTML 2Page - ITT Industries CN201J31S115Q Datasheet HTML 3Page - ITT Industries CN201J31S115Q Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
27
CONTACT MATERIAL
LAMP RATING
7 125 VAC 33kΩ NEON
8 250 VAC 150kΩ NEON
NOTE: Lamp rating for J3 & J8 actuator options.
OPTION
CODE
CONTACT AND TERMINAL MATERIAL
RATINGS
Q (STD.)
16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC (UL/CSA)
SILVER
QA*
16 AMPS @ 125 VAC, 1/8 HP @ 125 VAC;
10 AMPS @ 250 VAC, 1/3 HP @ 250 VAC (UL/CSA)
* Not available with CN203, CN205 & CN207 switch functions.
(NONE) NO LAMP
ACTUATOR MARKING
NONE (STD.) NO MARKING
D ON-OFF
H O l
P O -
NOTE: Orientation of actuator marking and terminals.
C&K CN Series
Double Pole Power Rocker Switches
07 SOLDER LUG
.031
(0,8)
.429
(10,9)
1.071
(27,2)
.709
(18,0)
1.126
(28,6)
.425
(1,8)
.250
(6,35)
TERMINATION


Similar Part No. - CN201J31S115Q

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CN201J31S115Q ITT-CN201J31S115Q Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
CN201J31S115Q7 ITT-CN201J31S115Q7 Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
CN201J31S115QA ITT-CN201J31S115QA Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
CN201J31S115QA7 ITT-CN201J31S115QA7 Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
More results

Similar Description - CN201J31S115Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
   Double Pole Power Rocker Switches
CN CK-COMPONENTS-CN Datasheet
288Kb / 4P
   Double Pole Power Rocker Switches
2018
logo
ITT Industries
CN201J12S215Q ITT-CN201J12S215Q Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
Carling Technologies
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
   Single/Double Pole Lighted Rocker & Paddle Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com