Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A76 Datasheet(PDF) 1 Page - Energizer

Part # A76
Description  1.5 Volts 2.3 grams (0.08 oz.) 0.50 cubic centimeters (0.03 cubic inch)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

A76 Datasheet(HTML) 1 Page - Energizer

  A76 Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chemical System:
Manganese Dioxide (Mn02)
Designation:
ANSI / NEDA-1166A, IEC - LR48
Battery Voltage:
1.5 Volts
Average Weight:
2.3 grams (0.08 oz.)
Volume:
0.50 cubic centimeters (0.03 cubic inch)
Average Capacity:
150 mAh to 0.9 volts
(Rated at 7.5k ohms continuous at 21ºC)
This battery will bulge as it is discharged but will not exceed the
maximum height shown on the battery drawing.
Typical closed circuit voltage during discharge on a load of 100 ohms
for 0.10 to 2.0 seconds.
Cutoff Voltage
Estimated Average Service at 21ºC (70ºF)
INTERNAL RESISTANCE:
Contents herein do not constitute a warranty.
Typical Drains
24 hours/day
0.17
Load
(ohms)
7,500
Copyright © Eveready Battery Co. Inc. - All Rights Reserved
Schedule:
(microamperes)
at 1.25V
Industry Standard Dimensions in mm (inches)
ENERGIZER NO. A76
Important Notice
Simulated Application Test
This data sheet contains information specific to batteries manufactured at the time of its publication.
0.9V
900 Hours
1.29V
1.10V
Depth of Discharge as Percent of Rated Capacity
Temperature
0%
40%
80%
WHICH MAY REQUIRE HIGH RATE PULSES
DESIGNED FOR ELECTRONIC APPLICATIONS
21ºC (70ºF)
1.55V
BULGE DATA:
EVEREADY BATTERY CO.
Internet: www.energizer.com
1-800-383-7323 / USA
1-800-383-7323 / CANADA
TYPICAL DISCHARGE CURVE
Simulated Test @ 21ºC (70ºF)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
150
300
450
600
750
900
Service, Hours
1-800-383-7323 / USA
1-800-383-7323 / CANADA
+ 44 (0) 208 920 2306 / EUROPE
Form No. EBC - 4407D
Page 1 of 1


Similar Part No. - A76

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A76 MACOM-A76 Datasheet
111Kb / 1P
   5 TO 500 MHz CASCADABLE AMPLIFIER
A76 MACOM-A76 Datasheet
382Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A76 MA-COM-A76 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A76 MA-COM-A76 Datasheet
646Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
logo
Tyco Electronics
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
   5 TO 500 MHZ CASCADABLE AMPLIFIER
More results

Similar Description - A76

ManufacturerPart #DatasheetDescription
logo
Energizer
CR2016 ENERGIZER-CR2016 Datasheet
100Kb / 2P
   3.0 Volts 1.9 grams (0.07 oz.) 0.5 cubic centimeters (0.03 cubic inch)
CR2430 ENERGIZER-CR2430 Datasheet
71Kb / 1P
   3.0 Volts 4.6 grams (0.16 oz.) 1.3 cubic centimeters (0.08 cubic inch)
ELCRV3 ENERGIZER-ELCRV3 Datasheet
97Kb / 1P
   3.0 Volts 32 grams (1.1 oz.) 24 cubic centimeters (1.5 cubic inch)
CR1220 ENERGIZER-CR1220 Datasheet
57Kb / 1P
   3.0 Volts 0.76 grams (0.03 oz.) 0.25 cubic centimeters (0.02 cubic inch)
EN91 ENERGIZER-EN91 Datasheet
146Kb / 2P
   1.5 Volts 23.0 grams (0.8 oz.) 8.1 cubic centimeters (0.5 cubic inch)
L91 ENERGIZER-L91 Datasheet
91Kb / 2P
   1.5 Volts 14.5 grams (0.5 oz.) 8.0 cubic centimeters (0.5 cubic inch)
E90 ENERGIZER-E90 Datasheet
139Kb / 2P
   1.5 Volts 9.0 grams (0.3 oz.) 3.3 cubic centimeters (0.2 cubic inch)
CR2320 ENERGIZER-CR2320 Datasheet
64Kb / 1P
   3.0 Volts 3.3 grams (0.10 oz.) 0.83 cubic centimeters (0.05 cubic inch)
EL223 ENERGIZER-EL223 Datasheet
62Kb / 1P
   6.0 Volts 37.0 grams (1.3 oz.) 23.8 cubic centimeters (1.4 cubic inch)
CR2012 ENERGIZER-CR2012 Datasheet
60Kb / 1P
   3.0 Volts 1.3 grams (0.04 oz.) 0.3 cubic centimeters (0.02 cubic inch)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com