Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YD5901 Datasheet(PDF) 6 Page - Wuxi Youda electronics Co.,LTD

Part # YD5901
Description  4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

YD5901 Datasheet(HTML) 6 Page - Wuxi Youda electronics Co.,LTD

Back Button YD5901 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD5901 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD YD5901 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD YD5901 Datasheet HTML 5Page - Wuxi Youda electronics Co.,LTD YD5901 Datasheet HTML 6Page - Wuxi Youda electronics Co.,LTD YD5901 Datasheet HTML 7Page - Wuxi Youda electronics Co.,LTD YD5901 Datasheet HTML 8Page - Wuxi Youda electronics Co.,LTD YD5901 Datasheet HTML 9Page - Wuxi Youda electronics Co.,LTD YD5901 Datasheet HTML 10Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
YOUDA INTEGRATED CIRCUIT
YD5901
Interface
OFF Pin Threshold
Voltage
VOFIH
EI=1.3V
VSYS1
-2.0
V
OFF Pin Bias Current
IOFF
OFF=0V
75
95
115
μA
START Pin ON
Threshold Voltage
VSTATH1
VSYS1=VSYS2=0V,
CT=2.0V
BATT-
1.0
V
START Pin OFF
Threshold Voltage
VSTATH2
VSYS1=VSYS2=0V,
CT=2.0V
BATT-
0.3
V
START Pin Bias
Current
ISTART
START=OV
10
20
30
μA
CLK Pin Threshold
Voltage “H”
VCLKTHH
2.0
V
CLK Pin Threshold
Voltage “L”
VCLKTHL
0.8
V
CLK Pin Bias Current
ICLK
CLK=3.2V
10
μA
Dead Time
DEAD Pin Impedance
RDEAD
52
65
78
DEAD Pin Output
Voltage
VDEAD
0.78
0.88
0.98
V
Starter Circuit
Starter Switching
Voltage
VSTNM
VSYS1=VSYS2=0V→
3.2V, START=0V
2.3
2.5
2.7
V
Starter Switching
Hysteresis Width
VSNHS
START=0V
130
200
300
mV
Discharge Release
VDIS
1.63
1.83
2.03
V
Empty Detection
EMP Detection
Voltage1
VEMPT1
VSEL=0V
2.1
2.2
2.3
V
EMP Detection
Voltage2
VEMPT2
ISEL=-2μA
1.7
1.8
1.9
V
EMP Detection
Hysteresis Voltage 1
VEMHS1
VSEL=0V
25
50
100
mV
EMP Detection
Hysteresis Voltage 2
VEMHS2
ISEL=-2μA
25
50
100
mV
EMP Pin Output
Voltage
VEMP
IO=1mA,BSEN=1V
0.5
V
EMP Pin Output Leak
Current
IEMPL
BSEN=2.4V
1.0
μA
BSEN Pin Input
Resistance
RBSEN
VSEL=0V
17
23
27
WuXi YouDa Electronics Co., Ltd
6 of 10
Website: www.e-youda.com


Similar Part No. - YD5901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results

Similar Description - YD5901

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_11 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com