Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL102J9AS205HQA8 Datasheet(PDF) 4 Page - ITT Industries

Part # CL102J9AS205HQA8
Description  Single Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CL102J9AS205HQA8 Datasheet(HTML) 4 Page - ITT Industries

  CL102J9AS205HQA8 Datasheet HTML 1Page - ITT Industries CL102J9AS205HQA8 Datasheet HTML 2Page - ITT Industries CL102J9AS205HQA8 Datasheet HTML 3Page - ITT Industries CL102J9AS205HQA8 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
19
CONTACT MATERIAL
C&K CL Series
Single Pole Power Rocker Switches
LAMP RATING
7 125 VAC 33kΩ NEON
8 250 VAC 150kΩ NEON
NOTE: Lamp rating for J9 actuator option.
OPTION
CODE
CONTACT AND TERMINAL MATERIAL
RATINGS
QA (STD.)
SILVER
POWER
16 AMPS @ 125 VAC; 1/3 HP;
10 AMPS @ 250 VAC, 1/2 HP (®C
US)
(NONE) NO LAMP


Similar Part No. - CL102J9AS205HQA8

ManufacturerPart #DatasheetDescription
logo
C&K Components
CL102J9AS1-05-D-QA-7 CK-COMPONENTS-CL102J9AS1-05-D-QA-7 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CL102J9AS1-05-D-QA-8 CK-COMPONENTS-CL102J9AS1-05-D-QA-8 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CL102J9AS1-05-H-QA-7 CK-COMPONENTS-CL102J9AS1-05-H-QA-7 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CL102J9AS1-05-H-QA-8 CK-COMPONENTS-CL102J9AS1-05-H-QA-8 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CL102J9AS1-05-P-QA-7 CK-COMPONENTS-CL102J9AS1-05-P-QA-7 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
More results

Similar Description - CL102J9AS205HQA8

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
CG CK-COMPONENTS-CG Datasheet
297Kb / 4P
   Single Pole Power Rocker Switches
2018
CM CK-COMPONENTS-CM Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
   Single Pole Power Rocker Switches
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com