Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45197AA4226+306 Datasheet(PDF) 6 Page - EPCOS

Part # B45197AA4226+306
Description  Tantalum Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45197AA4226+306 Datasheet(HTML) 6 Page - EPCOS

Back Button B45197AA4226+306 Datasheet HTML 2Page - EPCOS B45197AA4226+306 Datasheet HTML 3Page - EPCOS B45197AA4226+306 Datasheet HTML 4Page - EPCOS B45197AA4226+306 Datasheet HTML 5Page - EPCOS B45197AA4226+306 Datasheet HTML 6Page - EPCOS B45197AA4226+306 Datasheet HTML 7Page - EPCOS B45197AA4226+306 Datasheet HTML 8Page - EPCOS B45197AA4226+306 Datasheet HTML 9Page - EPCOS B45197AA4226+306 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
70
10/02
Tantalum Chip Capacitors
SpeedPower; Low ESR
Technical data and ordering codes
VR
up to 85 °C
(up to 125°C)
Vdc
CR
µF
Case
size
tan
δmax
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
ESRmax1)
(20°C,
100 kHz)
m
Iac
(20°C,
100 kHz)
A
Ordering code2)
Tinned terminals
6,3
(4)
10
B
0,06
0,6
1000
0,29
B45197A1106+20*
15
B
0,06
0,9
700
0,33
B45197A1156+20*
22
B
0,06
1,4
600
0,35
B45197A1226+20*
22
C
0,06
1,4
375
0,54
B45197A1226+30*
33
B
0,06
2,1
600
0,35
B45197A1336+20*
33
C
0,06
2,1
350
0,56
B45197A1336+30*
47
B
0,06
3,0
500
0,41
B45197A1476+20*
47
C
0,06
3,0
325
0,58
B45197A1476+30*
68
B
0,06
4,3
500
0,41
B45197A1686+20*
68
C
0,06
4,3
400
0,52
B45197A1686+30*
68
D
0,06
4,3
175
0,93
B45197A1686+40*
100
C
0,08
6,3
150
0,86
B45197A1107+30*
100
D
0,08
6,3
125
1,10
B45197A1107+40*
150
D
0,08
9,5
100
1,22
B45197A1157+40*
150
E
0,08
9,5
100
1,28
B45197A1157+50*
220
D
0,08
14
100
1,22
B45197A1227+40*
220
E
0,08
14
100
1,28
B45197A1227+50*
330
D
0,12
21
100
1,22
B45197A1337+40*
330
E
0,08
21
100
1,28
B45197A1337+50*
470
D
0,15
30
150
1,0
B45197A1477+40*
470
E
0,12
30
100
1,28
B45197A1477+50*
680
E
0,15
43
100
1,28
B45197A1687+50*
1000
E
0,15
63
100
1,28
B45197A1108+50*
Upon request
1) Other values upon request
2) Replace 197A by 198R for gold-plated terminals
+ Code letter for capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45197, B45198


Similar Part No. - B45197AA4226+306

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45197A KEMET-B45197A Datasheet
774Kb / 26P
   SpeedPower, Low ESR
B45197A KEMET-B45197A Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A0157K106 KEMET-B45197A0157K106 Datasheet
774Kb / 26P
   SpeedPower, Low ESR
More results

Similar Description - B45197AA4226+306

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com