Electronic Components Datasheet Search |
|
CN202J3RS105DQ Datasheet(PDF) 1 Page - ITT Industries |
|
CN202J3RS105DQ Datasheet(HTML) 1 Page - ITT Industries |
1 / 4 page Switch Function CN201 DPDT On-None-On CN202 DPST On-None-Off CN22 * DPST On-None-Off Dimensions are shown: Inch (mm) Dimensions subject to change www.ittcannon.com 24 C&K CN Series Double Pole Power Rocker Switches Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages 24 thru 26. For additional options not shown in catalog, consult Customer Service Center. Specifications CONTACT RATING: UL/CSA: 16 AMPS @ 125 VAC, 1/8 HP; 10 AMPS @ 250 VAC, 1/3 HP. ELECTRICAL LIFE: 10,000 make and break cycles at full load. INSULATION RESISTANCE: 108 Ω min. DIELECTRIC STRENGTH: 1,500 VRMS @ sea level. Features/Benefits • Illuminated versions available • Multiple actuator and termination styles Materials HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish. ILLUMINATED ACTUATOR: Polycarbonate, matte finish. CENTER CONTACTS: Silver plated, copper alloy. END CONTACTS: Silver plated AgSu02ln03. ALL TERMINALS: Silver plated, copper alloy. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Typical Applications • Appliances • Office equipment • Computers and peripherals Lamp Rating (NONE) (STD.) No lamp 7 125 VAC neon 8 250 VAC neon Actuator Marking (NONE) (STD.) No marking D ON-OFF H ”O l” - international ON-OFF P ”O -” international ON-OFF Actuator J1 Rocker J3 Illuminated rocker J6 Rocker J8 Illuminated rocker Termination 15 (STD.) .187” quick connect 05 .250” quick connect 07 Solder lug Actuator Color 2 (STD). Black 1 White 3 Red R Red, illuminated A Amber, illuminated G Green, illuminated Contact Rating Q (STD.) Silver (UL/CSA) QA Silver (UL/CSA with HP rating) Mounting Style/Color S2 (STD.) Snap-in, black S4 (STD.) Snap-in, black S1 Snap-in, white S3 Snap-in, white * CN22 - for switches with both marking and illumination |
Similar Part No. - CN202J3RS105DQ |
|
Similar Description - CN202J3RS105DQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |