Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3315Y-102-006L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3315Y-102-006L
Description  9 mm Square Sealed Incremental Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3315Y-102-006L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3315Y-102-006L Datasheet HTML 1Page - Bourns Electronic Solutions 3315Y-102-006L Datasheet HTML 2Page - Bourns Electronic Solutions 3315Y-102-006L Datasheet HTML 3Page - Bourns Electronic Solutions 3315Y-102-006L Datasheet HTML 4Page - Bourns Electronic Solutions 3315Y-102-006L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3315 - 9 mm Square Sealed Incremental Encoder
Features
Miniature package for design flexibility
Long operating life
Conductive plastic element
Bushing or PC board mount
Quadrature output
RoHS compliant versions available*
Electrical Characteristics
Output ..........................................................................................................2-bit gray code, Channel A leads Channel B electrically turning clockwise (CW)
Closed Circuit Resistance ..............................................................................................................................................................................5 ohms maximum
Contact Rating ..........................................................................................................................................................................................TTL compatible loads
Insulation Resistance (500 VDC)........................................................................................................................................................1,000 megohms minimum
Dielectric Withstanding Voltage
Sea Level ..................................................................................................................................................................................................900 VAC minimum
Electrical Travel..........................................................................................................................................................................................................Continuous
Contact Bounce ..................................................................................................................................................................................5 milliseconds maximum
RPM (Operating) ..................................................................................................................................................................................................120 maximum
Environmental Characteristics
Operating Temperature Range ........................................................................................................................................-40 °C to +125 °C (-40 °F to +257 °F)
Storage Temperature Range............................................................................................................................................-55 ºC to +125 ºC (-67 °F to +257 °F)
Humidity....................................................................................................................................................................MIL-STD-202, Method 103B, Condition B
Vibration ..............................................................................................................................................................................................................................30 G
Contact Bounce ............................................................................................................................................................................5.0 millisecond maximum
Shock ................................................................................................................................................................................................................................100 G
Contact Bounce ............................................................................................................................................................................5.0 millisecond maximum
Rotational Life ......................................................................................................................................................................................100,000 cycles @ 6 PPR
25,000 cycles @ 16 PPR
IP Rating ..............................................................................................................................................................................................................................IP 67
Mechanical Characteristics
Mechanical Angle ............................................................................................................................................................................................360 ° Continuous
Running Torque ........................................................................................................................................................................3.53 N-cm (5 oz.-in.) maximum
Mounting Torque
Plastic Bushing..................................................................................................................................................................45.19 N-cm (4.0 lb.-in.) maximum
Metal Bushing ........................................................................................................................................................................79 N-cm (7.0 lb.-in.) maximum
Weight ..............................................................................................................................................................................................................4.5 gm (0.15 oz.)
Terminals ............................................................................................................................................................................................................Solderable pins
Soldering Condition
Manual Soldering ..................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire; 370 °C (700 °F) max. for 3 seconds
Wave Soldering............................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux; 260 °C (500 °F) max. for 5 seconds
Wash Processes ..........................................................For recommended wash processes, please refer to http://www.bourns.com/pdfs/sldclen.pdf
Marking................................................................................................................................................Manufacturer’s trademark, part number, and date code
Hardware ..................................................One lockwasher and one mounting nut are shipped with each encoder, except where noted in the part number.
Suggested Incremental Control Diagram
5 ms DELAY
DEBOUNCE
(MC 14490)
.0015 µf
9
7
MAGNITUDE
(CUSTOMER LOGIC CIRCUITRY)
DECODE
LOGIC
UP/DOWN
COUNTER
DIRECTION
BINARY
OUTPUT
Quadrature Output Table
Clockwise
Channel A
Channel B
Channel C


Similar Part No. - 3315Y-102-006L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315Y-102-006L BOURNS-3315Y-102-006L Datasheet
201Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
3315Y-102-006L BOURNS-3315Y-102-006L Datasheet
347Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
More results

Similar Description - 3315Y-102-006L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315Y-001-006L BOURNS-3315Y-001-006L_12 Datasheet
347Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
3315 BOURNS-3315_10 Datasheet
201Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
PEC09 BOURNS-PEC09 Datasheet
331Kb / 3P
   PEC09 Series - 9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com