Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YD2111 Datasheet(PDF) 4 Page - Wuxi Youda electronics Co.,LTD

Part # YD2111
Description  2111
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

YD2111 Datasheet(HTML) 4 Page - Wuxi Youda electronics Co.,LTD

  YD2111 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD YD2111 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD2111 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD YD2111 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD YD2111 Datasheet HTML 5Page - Wuxi Youda electronics Co.,LTD YD2111 Datasheet HTML 6Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
友达集成电路
YD2111
输入阻抗
RIN
55
输出阻抗
ROUT
5
最大输入
电压
Vin MAX
(STEREO)
L+R=90%, P=10%,
fm=1kHZ, THD=3%
700
mV
fm=100HZ
45
fm=1KHz
35
45
分离度
Sep
L+R=180Mvrms,
P=20mVrms
fm=10KHz
45
dB
THD
(MONAUR
AL)
Vin=200mVrms
0.3
TGD
(STEREO)
L+R=180Mvrms,
P=20mVrms
0.3
%
电压增益
GV
Vin=200mVrms
-2.5
-1
0.5
dB
通道平衡
C.B.
Vin=200mVrms
-1.5
0
1.5
dB
OFF
VL(ON)
8
12
mV
ON
ON
VL(OFF)
Pilot Input
3
6
mV
立体声点
灯滞回电
VH
LED ON →OFF
2
捕捉范围
C.R.
P=20mVrms
±8
%
MPX
信噪比
S/N
-
80
dB
无锡友达电子有限公司
第四页
共六页
网址:www.e-youda.com


Similar Part No. - YD2111

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
100Kb / 5P
   3V AM/FM ONE CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com