Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32654A1104 Datasheet(PDF) 3 Page - EPCOS

Part # B32654A1104
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32654A1104 Datasheet(HTML) 3 Page - EPCOS

  B32654A1104 Datasheet HTML 1Page - EPCOS B32654A1104 Datasheet HTML 2Page - EPCOS B32654A1104 Datasheet HTML 3Page - EPCOS B32654A1104 Datasheet HTML 4Page - EPCOS B32654A1104 Datasheet HTML 5Page - EPCOS B32654A1104 Datasheet HTML 6Page - EPCOS B32654A1104 Datasheet HTML 7Page - EPCOS B32654A1104 Datasheet HTML 8Page - EPCOS B32654A1104 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Overview of available types
Lead spacing 10 mm
15 mm
Type
B32651 B32652
Page
6
7
VR (VDC)
1250
250
400
630
1000
1250
1600
1600
2000
Vrms (VAC)
450
160
200
250
250
500
500
700
700
CR (nF)
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
B32651 ... B32656
High pulse (wound)
3


Similar Part No. - B32654A1104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32654A1104 EPCOS-B32654A1104 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32654A1104 EPCOS-B32654A1104 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32654A1104JN1 TDK-B32654A1104JN1 Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
B32654A1104KN1 TDK-B32654A1104KN1 Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
More results

Similar Description - B32654A1104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com