Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL758L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # BL758L
Description  INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS FOR LUCENT TECHNOLOGIES L7581/2/3 LINE CARD ACCESS SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BL758L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  BL758L Datasheet HTML 1Page - Bourns Electronic Solutions BL758L Datasheet HTML 2Page - Bourns Electronic Solutions BL758L Datasheet HTML 3Page - Bourns Electronic Solutions BL758L Datasheet HTML 4Page - Bourns Electronic Solutions BL758L Datasheet HTML 5Page - Bourns Electronic Solutions BL758L Datasheet HTML 6Page - Bourns Electronic Solutions BL758L Datasheet HTML 7Page - Bourns Electronic Solutions BL758L Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TISPL758LF3D - INTEGRATED SYMMETRICAL AND
ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS FOR
LUCENT TECHNOLOGIES L7581/2/3 LINE CARD ACCESS SWITCHES
PRODUCT
INFORMATION
1
JANUARY 1998 - REVISED AUGUST 2002
Specifications are subject to change without notice.
OVERVOLTAGE PROTECTION FOR LUCENT TECHNOLOGIES LCAS
q
Symmetrical and Asymmetrical
Characteristics for Optimum Protection of
Lucent L7581/2/3 LCAS
q
Rated for International Surge Wave Shapes
q
Ion-Implanted Breakdown Region
Precise And Stable Voltage
Low Voltage Overshoot Under Surge
q
Planar Passivated Junctions
Low Off-State Current
< ±10 µA
q
Small Outline Surface Mount Package
- Available Ordering Options
description
The TISPL758LF3 is an integrated combination
of
a
symmetrical
bidirectional
overvoltage
protector and an asymmetrical bidirectional
overvoltage protector. It is designed to limit the
peak voltages on the line terminals of the Lucent
Technologies
L7581/2/3
LCAS
(Line
Card
Access Switches). An LCAS may also be
referred to as a Solid State Relay, SSR, i.e. a
replacement
of
the
conventional
electro-
mechanical relay.
The TISPL758LF3D voltages are chosen to give
adequate
LCAS
protection
for
all
switch
conditions.
The
most
potentially
stressful
TERMINAL
PAIR
VDRM
V
V(BO)
V
T-G (SYMMETRICAL)
±105
±130
R-G (ASYMMETRICAL)
+105, -180
+130, -220
CUSTOMISED VERSIONS AVAILABLE
WAVE SHAPE
STANDARD
ITSP
A
2/10 µs
GR-1089-CORE
175
8/20 µs
ANSI C62.41
120
10/160 µs
FCC Part 68
60
10/700 µs
ITU-T K20/21
50
10/560 µs
FCC Part 68
45
10/1000 µs
GR-1089-CORE
35
CARRIER
ORDER #
Tube
TISPL758LF3D
Taped and reeled
TISPL758LF3DR
condition is low level power cross when the
LCAS switches are closed. Under this condition,
the
TISPL758LF3D
limits
the
voltage
and
corresponding LCAS dissipation until the LCAS
thermal trip operates and opens the switches.
Under open-circuit ringing conditions, the line
ring (R) conductor will have high peak voltages.
For battery backed ringing, the ring conductor
will have a larger peak negative voltage than
positive i.e. the peak voltages are asymmetric.
An overvoltage protector with a similar voltage
asymmetry will give the most effective protection.
On a connected line, the tip (T) conductor will
have much smaller voltage levels than the open-
circuit ring conductor values. Here a symmetrical
voltage protector gives adequate protection.
Overvoltages are normally caused by a.c. power
system or lightning flash disturbances which are
induced or conducted on to the telephone line.
These overvoltages are initially clipped by
protector breakdown clamping until the voltage
rises to the breakover level, which causes the
device symbol
MDXXAE
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
G
G
G
G
NC
T
R
NC
NC - No internal connection
G
T
R
SD3XAA
Terminals T, R and G correspond to the
alternative line designators of A, B and C
Support from the Microelectronics Group of Lucent Technologies Inc. is gratefully acknowledged in the definition of
the TISPL758LF3D voltage levels and for performing TISPL758LF3D evaluations.


Similar Part No. - BL758L

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL75R02 BELLING-BL75R02 Datasheet
185Kb / 5P
   BL75R02
BL75R04 BELLING-BL75R04 Datasheet
256Kb / 5P
   BL75R04
BL75R04SM BELLING-BL75R04SM Datasheet
144Kb / 3P
   BL75R04SM is a ISO15693 full-compliant IC for intelligent label application
BL75R05 BELLING-BL75R05 Datasheet
240Kb / 5P
   The BL75R05 IC is a dedicated chip for intelligent label applications
BL75R06 BELLING-BL75R06 Datasheet
262Kb / 7P
   BL75R06
More results

Similar Description - BL758L

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPL758LF3D POINN-TISPL758LF3D Datasheet
178Kb / 9P
   INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS FOR LUCENT TECHNOLOGIES L7581/2/3 LINE CARD ACCESS SWITCHES
logo
Bourns Electronic Solut...
TISPL758LF3D BOURNS-TISPL758LF3D_07 Datasheet
290Kb / 7P
   INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com