Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4606X-AP4-222 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4606X-AP4-222
Description  Thick Film Conformal SIPs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4606X-AP4-222 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4606X-AP4-222 Datasheet HTML 1Page - Bourns Electronic Solutions 4606X-AP4-222 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4600X Series - Thick Film Conformal SIPs
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
......................10 ohms to 10 megohms
Maximum Operating Voltage..........100 V
Temperature Coefficient of Resistance
50 Ω to 2.2 MΩ................±100 ppm/°C
below 50 Ω ......................±250 ppm/°C
above 2.2 MΩ..................±250 ppm/°C
TCR Tracking .........................50 ppm/°C
maximum; equal values
Resistor Tolerance ................See circuits
Insulation Resistance
..................10,000 megohms minimum
Dielectric Withstanding Voltage
.............................................200 VRMS
Operating Temperature
.................................-55 °C to +125 °C
Environmental Characteristics
TESTS PER MIL-STD-202.........∆R MAX.
Short Time Overload..................±0.25 %
Load Life ....................................±1.00 %
Moisture Resistance ..................±0.50 %
Resistance to Soldering Heat ....±0.25 %
Terminal Strength.......................±0.25 %
Thermal Shock...........................±0.25 %
Physical Characteristics
Flammability .........Conforms to UL94V-0
Body Material........................Epoxy resin
Standard Packaging
....................Bulk, Ammo-pak available
AMBIENT TEMPERATURE ( C )
°
0
70
125
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4612X
4608X
4606X
4614X
4604X
4610X
Package Power Ratings (Watts)
Ambient
Ambient
Temperature
Temperature
Pkg.
70
°C
Pkg.
70
°C
4604X
0.50
4610X
1.25
4605X
0.63
4611X
1.38
4606X
0.75
4612X
1.50
4607X
0.88
4613X
1.63
4608X
1.00
4614X
1.75
4609X
1.13
A
MAXIMUM
PIN #1
REF.
5.08
(.200)
MAX.
3.43 +.38/ -.508
(.135 +.015/ -.020)
1.24
(.049)
MAX.
BOTH ENDS
.508 ± .050
(.020 ± .002)
TYP.
2.54 ± .07
(.100 ± .003*)
TYP.
NON-ACCUM.
2.49
(.098)
MAX.
.254 ± .050
(.010 ± .002)
MAX.
Maximum package length is equal to 2.54mm (.100") times the
number of pins, less .005mm (.002").
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
NUMBER OF PINS
6X-2-222
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
46 06 X - 101 - 222 __ __
Model
(46 = Conformal SIP)
Number of Pins
Physical Configuration
(X = Thick Film Low Profile)
Electrical Configuration
• 101 = Bussed
• 102 = Isolated
• 104 = Dual Terminator
• AP1 = Bussed Ammo**
• AP2 = Isolated Ammo**
• AP4 = Dual Ammo**
Resistance Code
• First 2 digits are significant
• Third digit represents the number of
zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance”
on next page for resistance range)
• F = ±1 % (100 ohms - 5 megohms)
Terminations
• All electrical configurations EXCEPT 104 & AP4:
LF = Sn/Ag/Cu-plated (lead free)
• ONLY electrical configurations 104 & AP4:
L = Sn/Ag/Cu-plated (lead free)
• Blank = Tin/Lead-plated
Consult factory for other available options.
**Available for packages with 10 pins or less.
Part Number
Part Number
4606X-101-RC
6X-1-RC
4608X-102-RC
8X-2-RC
4610X-104-RC/RC
10X-4-RC/RC
RC = ohmic value, 3-digit resistance code.
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19 (.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)
Package Power Temp. Derating Curve
Product Dimensions
Features
Lead free version available (see How to
Order “Termination” option)
RoHS compliant (lead free version)*
Low profile is compatible with DIPs
Wide assortment of pin packages
enhances design flexibility
Ammo-pak packaging available
Recommended for rosin flux and solvent
clean or no clean flux processes
Marking on contrasting background for
permanent identification
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
For Standard Values Used in Capacitors,
Inductors, and Resistors, click here.


Similar Part No. - 4606X-AP4-222

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4606X-AP4-222 BOURNS-4606X-AP4-222 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4606X-AP4-222FL BOURNS-4606X-AP4-222FL Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4606X-AP4-222FL BOURNS-4606X-AP4-222FL Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4606X-AP4-222FLF BOURNS-4606X-AP4-222FLF Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4606X-AP4-222FLF BOURNS-4606X-AP4-222FLF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
More results

Similar Description - 4606X-AP4-222

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4608X-101-821 BOURNS-4608X-101-821 Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4600H BOURNS-4600H Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4600M BOURNS-4600M Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4600X-101-222LF BOURNS-4600X-101-222LF Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4606H-101-222FLF BOURNS-4606H-101-222FLF Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4606M-101-222FLF BOURNS-4606M-101-222FLF Datasheet
252Kb / 2P
   Thick Film Conformal SIPs
4609X-101-221LF BOURNS-4609X-101-221LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4609X-101-472LF BOURNS-4609X-101-472LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4610X-101-103LF BOURNS-4610X-101-103LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4609X-101-272LF BOURNS-4609X-101-272LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com