Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EG1206 Datasheet(PDF) 1 Page - E-SWITCH

Part # EG1206
Description  SLIDE SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

EG1206 Datasheet(HTML) 1 Page - E-SWITCH

  EG1206 Datasheet HTML 1Page - E-SWITCH EG1206 Datasheet HTML 2Page - E-SWITCH EG1206 Datasheet HTML 3Page - E-SWITCH EG1206 Datasheet HTML 4Page - E-SWITCH EG1206 Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SLIDE SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
HOW TO ORDER
1205
SERIES EG SWITCHES
SPECIFICATIONS
Contact Rating:
As per individual switch
Initial Contact Resistance: Less than 20 milliohms
Insulation Resistance:
500VDC – 100 milliohms
Dielectric Strength:
500V AC for 1 minute between
any terminal and frame
Operating Temperature:
-20°C to +70°C (-4°F to +158°F)
Soldering:
Auto 270 ± 5°C/3 seconds; Manual 350 ±
10° C/3 seconds
Life:
10,000 cycles minimum
Timing:
See individual specifications
For special applications, contact factory
MATERIALS
Contact:
Silver plated copper alloy
EG1201
4
EG1201A
5.5
Series
Model No.
EG
EG
Model No.
L
EG1205
4
EG1205A
5.5
Model No.
L
3
1
2 Com
Schematic
2 Com
1
3
Schematic
1201
EG
1201A
EXAMPLE
PANEL MOUNT
P.C. MOUNTING
175


Similar Part No. - EG1206

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1206 E-SWITCH-EG1206 Datasheet
1Mb / 15P
   SLIDE SWITCHES
EG1206A E-SWITCH-EG1206A Datasheet
1Mb / 15P
   SLIDE SWITCHES
More results

Similar Description - EG1206

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com