Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC13B7.002NLS Datasheet(PDF) 1 Page - E-SWITCH

Part # KC13B7.002NLS
Description  ROTARY SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KC13B7.002NLS Datasheet(HTML) 1 Page - E-SWITCH

  KC13B7.002NLS Datasheet HTML 1Page - E-SWITCH KC13B7.002NLS Datasheet HTML 2Page - E-SWITCH KC13B7.002NLS Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HOW TO ORDER
SERIES KC SWITCHES
SPECIFICATIONS
Ratings:
350 mA @ 125 VAC
150 mA @ 250 VAC
Electrical Life:
10,000 cycles typical
Contact Resistance:
25m
Ω initial @ 2-4 VDC, 100mA
Dielectric Strength:
1,500 max V rms at sea level
Insulation Resistance:
100M
Ω min.
Operating Force:
8.6 N/cm
MATERIALS
Housing, Base, Shaft:
Glass filled nylon
Contact:
Silver plated copper alloy
Gold flash over silver plate
Hardware:
Nut-Zinc, nickel plated
Lockwasher–Steel, zinc plated
Stop ring–Brass, nickel plated
Actuator
Timing
Contact Material
Series
Bushing
Termination
Model No.
KC
KC
Actuator Length
.
See Model
Options
Table
A=Flat
B=Round
D=Slotted
See Actuator
Option Chart
01
02
N=Non-Short
S=Shorting
P=PC Pin
L=Solder Lug
S
F
KC
13
B
7.0
02
L
S
N
EXAMPLE
GENERAL INFORMATION
6.35
[.250]
27.50
[1.083]
3.05
[.120]
26.20
[1.031]
9.50
[.374]
30.0
5.50
[.217] F
2.00
[.079]
1.3 X
3/8-32 UNEF-
6.60
[.260]
18.70
[.736]
14.10
[.555]
8.00
[.315]
2.00
[.079]
190
ROTARY SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
PP 190-193Rotary.qxd
5/8/02
10:40 AM
Page 190


Similar Part No. - KC13B7.002NLS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
More results

Similar Description - KC13B7.002NLS

ManufacturerPart #DatasheetDescription
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com