Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC13B7.001NPS Datasheet(PDF) 2 Page - E-SWITCH

Part # KC13B7.001NPS
Description  ROTARY SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KC13B7.001NPS Datasheet(HTML) 2 Page - E-SWITCH

  KC13B7.001NPS Datasheet HTML 1Page - E-SWITCH KC13B7.001NPS Datasheet HTML 2Page - E-SWITCH KC13B7.001NPS Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SERIES KC SWITCHES
191
ROTARY SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
(SP Models)
Model
Sw. Func.
Terms
10
12-pos.-No stops
A, 1-12
11
ST
A, 2*
12
DT
A, 1,2*
13
3 pos.
A, 1-3*
14
4 pos.
A, 1-4*
15
5 pos.
A, 1-5*
16
6 pos.
A, 1-6*
17
7 pos.
A, 1-7
18
8 pos.
A, 1-8
19
9 pos.
A, 1-9
50
10 pos.
A, 1-10
51
11 pos.
A, 1-11
52
12 pos.
A, 1-12
53
2 pos. -60° index
A, 1,3*
54
2 pos. -90° index
A, 1,4*
55
3 pos. -60° index
A, 1,3,5*
56
3 pos. -90° index
A, 1,4,7
57
4 pos. -60° index
A,1,3,5,7
58
4 pos. -90° index
A,1,4,7,10
59
5 pos. -60° index
A,1,3,5,7,9
60
6 pos. -60° index
A,1,3,5,7,9,11
(DP Models)
Model
Sw. Func.
Terms
20
6-pos.-No stops
A,C,1-12
21
ST
A, C,2,8
22
DT
A,C,1,2,7,8
23
3 pos.
A,C 1-3, 7-9
24
4 pos.
A,C,1-4,7-10
25
5 pos.
A,C,1-5, 7-11
26
6 pos.
A,C,1-12
70
2 pos. 60° index
A,C,1,3,7,9
71
2 pos. 90° index
A,C,1,4,7,10
72
2 pos. 60° index
A,C,1,3,5,7,9,11
* Note: Switches with P terminations (PC pins) have
additional terminal no. 9 as switch support only.
This terminal is not connected electrically inside
switch.
All models 30° indexing unless otherwise noted.
(3P Models)
Model
Sw. Func.
Terms
30
4-pos.-No stops
A,B,C,1-12
31
ST
A,B,C,2,6,10
32
DT
A,B,C,1,2,5,6,9,10
33
3 pos.
A,B,C,1-3,5-7,9-11
34
4 pos.
A,B,C,1-12
80
2 pos. 60° index
A,B,C,1,3,5,7,9,11
81
2 pos.-90° index
A,B,C,1,4,5,8,9,12
(4P Models)
Model
Sw. Func.
Terms
40
3-pos.-No stops
all terms
41
ST
A,B,C,D,2,5,8,11
42
DT
A,B,C,D,1,2,4,5,7,8,10,11
43
3 pos.
all terms
91
2 pos. 60° index
A,B,C,D,1,3,4,6,7,9,10,12
*All actuators shown in Pos. 1, fully CCW.
MODEL NUMBER OPTIONS
ACTUATOR OPTIONS
BUSHING OPTIONS
A Flat
01 Std.
02 Metric
B
Round
D Slotted
PANEL MOUNTING
PANEL MOUNTING
A
30.0 38.0
9.5
7.0
10.0 13.0
B
30.0 10.0
7.0
D
0.0
31.5
Actuator
Available Actuator
Lengths (mm)
PP 190-193Rotary.qxd
5/8/02
10:40 AM
Page 191


Similar Part No. - KC13B7.001NPS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
More results

Similar Description - KC13B7.001NPS

ManufacturerPart #DatasheetDescription
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com