Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0805-FX8252E Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CR0805-FX8252E
Description  Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0805-FX8252E Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CR0805-FX8252E Datasheet HTML 1Page - Bourns Electronic Solutions CR0805-FX8252E Datasheet HTML 2Page - Bourns Electronic Solutions CR0805-FX8252E Datasheet HTML 3Page - Bourns Electronic Solutions CR0805-FX8252E Datasheet HTML 4Page - Bourns Electronic Solutions CR0805-FX8252E Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CR0603/CR0805/CR1206 - Chip Resistors
CR0603
CR0805
CR1206
E-24 marking
Value = 10K ohms
CR0805
CR1206
E-96 marking
Value = 44.2K ohms
CR0603
EIA-96 Marking
1 % marking
Value = 12.4K ohms
Marking Explanation
• E-24: 3 digits, first two digits are
significant, third digit is number of
zeros.
Letter R is decimal point.
• E-96: 4 digits, first three digits are
significant, fourth digit is number of
zeros.
Letter R is decimal point.
0603 E-96: EIA-96 marking (see table
below).
Resistor Markings
EIA-96 Marking for CR0603, 1 %
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
01
100
13
133
25
178
37
237
49
316
61
422
73
562
85
750
02
102
14
137
26
182
38
243
50
324
62
432
74
576
86
768
03
105
15
140
27
187
39
249
51
332
63
442
75
590
87
787
04
107
16
143
28
191
40
255
52
340
64
453
76
604
88
806
05
110
17
147
29
196
41
261
53
348
65
464
77
619
89
825
06
113
18
150
30
200
42
267
54
357
66
475
78
634
90
845
07
115
19
154
31
205
43
274
55
365
67
487
79
649
91
866
08
118
20
158
32
210
44
280
56
374
68
499
80
665
92
887
09
121
21
162
33
215
45
287
57
383
69
511
81
681
93
909
10
124
22
165
34
221
46
294
58
392
70
523
82
698
94
931
11
127
23
169
35
226
47
301
59
402
71
536
83
715
95
953
12
130
24
174
36
232
48
309
60
412
72
549
84
732
96
976
This table shows the first two digits for the three-digit EIA-96 part marking scheme. The third character is a letter multiplier:
Y=10-2
X=10-1
A=100
B=101
C=102
D=103
E=104
F=105
Chip Resistor and Chip Array Lab Kits Available
Part Number
Style
TR tol.
R-range
Values
E-Series
Chip Resistors
Chip Size
CR1206-JW-LAB1
1206
5 %
1 ohm to 10 megohms
146
E-24 10 ohms to 1 megohm, Rest E-12
CR0805-JW-LAB2
0805
5 %
24 ohms to 1 megohm
121
E-24
CR1206-FX-LAB3
1206
1 %
10 ohms to 1 megohm
122
E-24
CR1206-FX-LAB4
1206
1 %
10 ohms to 1 megohm
242
E-48
CR0805-FX-LAB5
0805
1 %
75 ohms to 1 megohm
101
E-24
CR0603-JW-LAB6
0603
5 %
3.3 ohms to 1 megohm
128
E-24 10 ohms to 1 megohm, Rest E-12
CR0603-FX-LAB7
0603
1 %
10 ohms to 1 megohm
122
E-24
Chip Arrays
Resistor Size
CAT16-J4-LAB1
0603
5 %
10 ohms to 1 megohm
62 concave
E-12 4 resistors in a 1206 size
CAY16-J4-LAB2
0603
5 %
10 ohms to 1 megohm
62 convex
E-12 4 resistors in a 1206 size
• All Lab Kits have 50 pieces per value
• Jumper is included


Similar Part No. - CR0805-FX8252E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0805-FX-1003ELF BOURNS-CR0805-FX-1003ELF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0805-FX-1003EPF BOURNS-CR0805-FX-1003EPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0805-FX-1003GLF BOURNS-CR0805-FX-1003GLF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0805-FX-1003GPF BOURNS-CR0805-FX-1003GPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0805-FX-2001ELF BOURNS-CR0805-FX-2001ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results

Similar Description - CR0805-FX8252E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
   Chip Resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
   Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
   Chip Resistors
CR1206-FX-3301ELF BOURNS-CR1206-FX-3301ELF Datasheet
218Kb / 5P
   Chip Resistors
CRL2010 BOURNS-CRL2010 Datasheet
124Kb / 1P
   Chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com