Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC13C7.001SLS Datasheet(PDF) 3 Page - E-SWITCH

Part # KC13C7.001SLS
Description  ROTARY SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KC13C7.001SLS Datasheet(HTML) 3 Page - E-SWITCH

  KC13C7.001SLS Datasheet HTML 1Page - E-SWITCH KC13C7.001SLS Datasheet HTML 2Page - E-SWITCH KC13C7.001SLS Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SERIES KC SWITCHES
192
ROTARY SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
S = Standard Silver over copper alloy
TERMINATION OPTIONS
CONTACT MATERIAL OPTIONS
P
P.C. Pin
L
Solder Lug
N = (STD.) Non-shorting – break before make
S
= Shorting – make before break
Note: (S) shorting contacts available only with 30° indexing
TIMING OPTIONS
SCHEMATICS & P.C. MOUNTING
SP
Model
DP
Model
3P
Model
4P
Model
F = Gold Flash over silver plate
over copper alloy
A
1 POLE 12 POSITIONS
3
2
4
1
12
11
10
9
8
7
6
5
22.20 [.795]
7.70
[.303]
15
°
45
°
A
B
C
5
6
7
8
9
10
11
12
1
4
2
3
4 POLE 3 POSITIONS
7.70
[.303]
45
°
15
°
22.20 [.795]
C
A
2 POLE 6 POSITIONS
5
6
7
8
9
10
11
12
1
4
2
3
7.70
[.303]
45
°
15
°
22.20 [.795]
A
D
C
B
4 POLE 3 POSITIONS
3
2
4
1
12
11
10
9
8
7
6
5
22.20 [.795]
15
°
45
°
7.70
[.303]
PP 190-193Rotary.qxd
5/8/02
10:40 AM
Page 192


Similar Part No. - KC13C7.001SLS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
More results

Similar Description - KC13C7.001SLS

ManufacturerPart #DatasheetDescription
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com