Selected language     English  ▼


H-550 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. H-550
Description  Turns-Counting Dial
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 1 page
background image
Specifications are subject to change without notice.
H-550 Turns-Counting Dial
Mechanical and Physical Characteristics
Number of Turns ..................................................................................................................................................................................0 to 11
Dial Divisions ...............................................................................................................................................................................100 per turn
Readability – Over 10 Turns .........................................................................................................................................Within 1/100 of a turn
Torque With Brake Engaged.....................................................................................................................8.47 N-cm (12.0 oz.-in.) maximum
Markings...........................................................................................................................................................................Black on clear gray
Locking Brake............................................................................................................................................................................................Yes
Weight...............................................................................................................................................................................13 grams (0.46 oz.)
Set Screw .................................................................................................................................................................UNC 4/40, one included
Set Screw Tightening Torque ......................................................................................................................12.00 N-cm (17 oz-in.) minimum
17.65 N-cm (25 oz-in.) maximum
Hex Key Size ................................................................................................................................................................................0.05 in. hex
Shaft and Bushing Requirements
Shaft Diameter Requirements .......................................................................................................................0.635 mm (0.0250 in.) diameter
Shaft Extension Beyond Panel .........................................................................................................................17.5 mm (0.689 in.) minimum
22.5 mm (0.886 in.) maximum
Bushing Extension Beyond Panel .....................................................................................................................7.0 mm (0.276 in.) maximum
10.31
(.405)
14.30
(.562)
3.17
(.124)
PANEL LAYOUT
DIA.
DIA.
24.6
(.96)
15.9
(.625)
46.0
(1.811)
Part
Accepts Shaft
Number
Diameter
Finish
H-550-6A (10 per box)
6.35 mm (.250 in.)
Grey Metalized Plastic
H-550-6A-1 (1 per box)
6.35 mm (.250 in.)
Grey Metalized Plastic
How to Order
Dimensional Drawing
H-550 MOUNTING INSTRUCTIONS
Using the existing Antirotation Lug
1. Drill 3.2 mm (0.125) diameter antirotation pin hole on vertical
centerline 14.3 mm (0.562) below center of potentiometer
mounting hole.
2. Mount potentiometer shaft counterclockwise to obtain minimum
resistance or voltage ratio. This is not necessarily identical with the
mechanical stop.
4. Loosen set screws in knob of dial. Set dial to “0.0” reading.
5. While holding outer ring of dial, position unit lightly against panel.
Tighten knob set screws to potentiometer shaft.
Features
Large package size - 46 mm diameter
“Metalized” plastic dial body
Strong locking brake
Economical
Ideal for use with 10-turn potentiometers
Applications
Automation equipment
Medical instrumentation excluding
critical life support applications
Test instrumentation
Industrial machinery
MM
DIMENSIONS:
(IN.)
REV. 04/03




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CT-23Turns-Counting Dial 1 Bourns Electronic Solutions
H-46Turns-Counting Dial 1 Bourns Electronic Solutions
H-490Turns-Counting Dial 1 Bourns Electronic Solutions
H-506Turns-Counting Dial 1 Bourns Electronic Solutions
M-959Dial Pulse Counter and Hook Status Monitor 1 2 3 4 5 Clare, Inc.
NW6006ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR 1 2 3 4 5 MoreIntegrated Device Technology
H-22Turns-Counting Dials 1 Bourns Electronic Solutions

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl