Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC857F
Description  PNP general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC857F Datasheet(HTML) 2 Page - NXP Semiconductors

  BC857F Datasheet HTML 1Page - NXP Semiconductors BC857F Datasheet HTML 2Page - NXP Semiconductors BC857F Datasheet HTML 3Page - NXP Semiconductors BC857F Datasheet HTML 4Page - NXP Semiconductors BC857F Datasheet HTML 5Page - NXP Semiconductors BC857F Datasheet HTML 6Page - NXP Semiconductors BC857F Datasheet HTML 7Page - NXP Semiconductors BC857F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 21
2
Philips Semiconductors
Preliminary specification
PNP general purpose transistors
BC856F; BC857F; BC858F series
FEATURES
• Power dissipation comparable to SOT23
• Low current (max. 100 mA)
• Low voltage (max. 65 V).
APPLICATIONS
• General purpose switching and amplification especially
in portable equipment.
DESCRIPTION
PNP transistor encapsulated in an ultra small SC-89
(SOT490) plastic SMD package.
NPN complements: BC846F, BC847F and BC848F series.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1
Simplified outline (SC-89; SOT490) and
symbol.
handbook, halfpage
MAM411
1
2
3
12
Top view
3
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BC856AF
3A
BC857CF
3G
BC856BF
3B
BC858AF
3J
BC857AF
3E
BC858BF
3K
BC857BF
3F
BC858CF
3L


Similar Part No. - BC857F

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC857F AUK-BC857F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857F AUK-BC857F Datasheet
223Kb / 4P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
logo
AUK corp
BC857F AUK-BC857F_06 Datasheet
223Kb / 4P
   PNP Silicon Transistor
More results

Similar Description - BC857F

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com