Electronic Components Datasheet Search
Selected language     English  ▼


H-91 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. H-91
Description  Adjustment Tools
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 1 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
H-90/H-91/H-92-1 - Adjustment Tools
Features
Meets UL 94V-0
Pocket clip
For use on most trimmer shafts/rotors
Recessed end for use with extended
shafts
H-90 & H-91 available in blue;
H-92-1 available in off-white
THICK
127.00
(5.00)
1.27
(.050)
.254
(.010)
STAINLESS STEEL
BLADE
RECESSED
2.03
(.080)
BLADE - BOTH ENDS
.406
± .025
(.016
± .001)
WIDE X
THICK
15.2
± 2.54
(0.60
± 0.10)
H-90
H-91*
.254
(.010)
STAINLESS STEEL
BLADE
RECESSED
1.40
(.055)
2.29
(.090)
BLADE
.457
(.018)
WIDE X
BLADE
*H-91 RECOMMENDED FOR USE WITH TRIMMER MODELS 3224 AND 3214.
1.47
(.058)
.457
± .025
(.018
± .001)
WIDE X
THICK
THICK
H-92-1*
.381
(.015)
STAINLESS STEEL
BLADE
RECESSED
1.40
(.055)
1.02
± 0.08
(.040
± .003)
BLADE
0.23
± 0.05
(.009
± .001)
WIDE X
THICK
1.02
± 0.08
(.040
± .003)
BLADE
0.23
± 0.05
(.009
± .001)
WIDE X
*H-92-1 RECOMMENDED FOR USE WITH TRIMMER MODELS 3342, 3340, 3223 AND 3213.
REV. 07/03




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST6XXX-EMU2REAL TIME EMULATION DEVELOPMENT TOOLS FOR ST6 MCU FAMILY 1 2 3 4 STMicroelectronics
M62475FPAUTOMATIC ADJUSTMENT CD PREAMPLIFIER SERVO CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ST7MDTX-EMU2REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 1 2 3 4 STMicroelectronics
M62481FPPICKUP SERVO SYSTEM WITH AUTOMATIC ADJUSTMENT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ST7MDTX-EMU2BREAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 1 2 3 4 STMicroelectronics
TDA9725Y/C automatic adjustment processor VHS standard 1 2 3 4 5 MoreNXP Semiconductors
ADDS-21XX-TOOLSADSP-2100 Family Development Tools 1 2 3 4 5 MoreAnalog Devices
L9907NMOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT 1 2 3 4 5 MoreSTMicroelectronics
AN-6006FAN5068 Component calculation and simulation tools 1 2 3 4 Fairchild Semiconductor
BA7042VCO with sensitivity adjustment function 1 2 3 4 5 Rohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl