Selected language     English  ▼


H-506 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. H-506
Description  Turns-Counting Dial
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 1 page
background image
H-506 Turns-Counting Dial
Mechanical and Physical Characteristics
Number of Turns ..................................................................................................................................................................................0 to 15
Dial Divisions .................................................................................................................................................................................50 per turn
Readability - Over 10 Turns.....................................................................................................................................................2 parts in 1000
Torque With Brake Engaged...........................................................................................................................5.0 N-cm (7.0 oz-in.) minimum
Markings .............................................................................................................................................................White on black background
Locking Brake............................................................................................................................................................................................Yes
Weight...................................................................................................................................................................................7 grams (2.5 oz.)
Set Screws ..............................................................................................................................ISO M3x 0.35, 2 screws included, 120º apart
Set Screw Tightening Torque ...................................................................................................................16.94 N-cm (1.5 lbs.-in.) minimum
Hex Key Size .........................................................................................................................................................Single slotted screwdriver
Shaft and Bushing Requirements
Shaft Diameter Requirements ........................................................................................................................................Refer to chart below
Shaft Extension Beyond Panel .......................................................................................................................17.5 mm (0.6890 in.) minimum
22.5 mm (0.8858 in.) maximum
Bushing Extension Beyond Panel ....................................................................................................................10 mm (0.3937 in.) maximum
POTENTIOMETER
MOUNTING WASHER AND NUT
SUPPLIED WITH POTENTIOMETER
9.5
(.370)
2 SET SCREWS
10.3
(.405)
2.0
(.078)
POTENTIOMETER
MOUNTING HOLE
TYP.
Accepts Shaft
Part Number
Diameter
Finish
H-506-1/4
6.35 mm (.250)
Satin Chrome
H-506-6M
6 mm (.236)
Satin Chrome
How to Order
H-506 MOUNTING INSTRUCTIONS
1. Drill 2.0 mm (.0787 in.) diameter anti-rotation pin hole on
vertic centerline, 9.5mm (.375 in.) below center of
potentiometer mounting hole.
2. Mount potentiometer in panel with nut and lockwasher
supplied with the potentiometer.
3. Turn potentiometer shaft counterclockwise to obtain
minimum resistance or voltage ratio. This is not necessarily
identical with mechanical stop.
4. Loosen set screws in knob of dial. Set dial to “0.0” reading.
5. While holding outer ring of dial, position unit lightly against
panel. Tighten knob set screws to potentiometer shaft.
25.0
(.984)
2.0
(.078)
9.5
(.374)
14.8
(.582)
1.5
(.059)
0
10
22.7
(.893)
17.0
(.669)
MAX.
Dimensional Drawings
Features
Compact, requires only 22.7 mm
diameter panel space
No backlash
For use with precision potentiometers or
other rotating devices up to 15 turns
Designed for use with plastic shafts
MM
DIMENSIONS:
(IN.)
REV. 04/03
Specifications are subject to change without notice.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CT-23Turns-Counting Dial 1 Bourns Electronic Solutions
H-550Turns-Counting Dial 1 Bourns Electronic Solutions
H-46Turns-Counting Dial 1 Bourns Electronic Solutions
H-490Turns-Counting Dial 1 Bourns Electronic Solutions
M-959Dial Pulse Counter and Hook Status Monitor 1 2 3 4 5 Clare, Inc.
NW6006ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR 1 2 3 4 5 MoreIntegrated Device Technology
H-22Turns-Counting Dials 1 Bourns Electronic Solutions

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl