Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100AWSP1T1B2M2QE Datasheet(PDF) 2 Page - E-SWITCH

Part # 100AWSP1T1B2M2QE
Description  PROCESS SEALED MINIATURE TOGGLE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100AWSP1T1B2M2QE Datasheet(HTML) 2 Page - E-SWITCH

  100AWSP1T1B2M2QE Datasheet HTML 1Page - E-SWITCH 100AWSP1T1B2M2QE Datasheet HTML 2Page - E-SWITCH 100AWSP1T1B2M2QE Datasheet HTML 3Page - E-SWITCH 100AWSP1T1B2M2QE Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DPDT
SERIES 100A SWITCHES
12
PROCESS SEALED MINIATURE TOGGLE SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
T1 actuator std. when ordered with
M1 termination.
Add 0.100 (2.54) for B4 bushing.
Std for M2, M6, M7, VS termination
Std for M1
T2 actuator std. when ordered with
VS, M2, M6 or M7 terminations.
Add 0.100 (2.54) for B4 bushing.
13
46
2 Comm
5 Comm.
WDP-1
ON
NONE
ON
WDP-2
ON
NONE
(ON)
WDP-3
ON
OFF
ON
WDP-4
(ON)
OFF
(ON)
WDP-5
ON
OFF
(ON)
Term.
2-3, 5-6
OPEN
2-1, 5-4
Comm.
Schematic
( ) = Momentary
Model
No.
POS 2
POS 1
POS 3
ACTUATOR OPTIONS
BUSHING OPTIONS
TERMINATION OPTIONS
T1
T2
B1
B4
M1
M2
6.11 [.241]
12.80 [.504]
11.50 [.453]
FLAT
5.30
[.209]
PP 01-24 Toggle.qxd
5/6/02
1:51 PM
Page 12


Similar Part No. - 100AWSP1T1B2M2QE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100AWSP1T1B2M2QEH E-SWITCH-100AWSP1T1B2M2QEH Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
More results

Similar Description - 100AWSP1T1B2M2QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com