Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8368 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8368
Description  800 MHz, Linear-in-dB VGA with AGC Detector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8368 Datasheet(HTML) 1 Page - Analog Devices

  AD8368 Datasheet HTML 1Page - Analog Devices AD8368 Datasheet HTML 2Page - Analog Devices AD8368 Datasheet HTML 3Page - Analog Devices AD8368 Datasheet HTML 4Page - Analog Devices AD8368 Datasheet HTML 5Page - Analog Devices AD8368 Datasheet HTML 6Page - Analog Devices AD8368 Datasheet HTML 7Page - Analog Devices AD8368 Datasheet HTML 8Page - Analog Devices AD8368 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
800 MHz, Linear-in-dB
VGA with AGC Detector
AD8368
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Analog variable gain range: −12 db to +22 dB
Linear-in-dB scaling: 37.5 dB/V
3 dB bandwidth: 800 MHz @ VGAIN = 0.5 V
Integrated rms detector
P1 dB: 16 dBm @ 140 MHz
Output IP3: 33 dBm @ 140 MHz
Noise figure at maximum gain: 9.5 dB @ 140 MHz
Input and output impedances: 50 Ω
Single-supply voltages from 4.5 V to 5.5 V
RoHS-compliant, 24-lead LFCSP
APPLICATIONS
Complete IF AGC amplifiers
Gain trimming and leveling
Cellular base station
Point-to-point radio links
RF instrumentation
FUNCTIONAL BLOCK DIAGRAM
9
VPSO
11
VPSI
12
VPSI
22
VPSI
23
VPSI
13
VPSI
24
ENBL
8
OUTP
3
HPFL
4
DECL
14
DECL
15
DECL
20
ICOM
18
ICOM
17
ICOM
19
INPT
7
OCOM
1
GAIN
6
OCOM
16
ICOM
10
VPSO
21
MODE
2
DETO
5
DETI
REF
X2
+
AD8368
ATTENUATOR LADDER
DECL
50Ω
0dB –2dB –4dB
–36dB
GAIN INTERPOLATOR
gm STAGES
FIXED-GAIN
AMPLIFIER
OUTPUT
BUFFER
Figure 1.
GENERAL DESCRIPTION
The AD8368 is a variable gain amplifier with analog linear-
in-dB gain control that can be used from low frequencies to
800 MHz. Its excellent gain range, conformance, and flatness
are attributed to Analog Devices’ X-AMP® architecture, an
innovative technique for implementing high performance
variable gain control.
The gain range of −12 dB to +22 dB is scaled accurately to
37.5 dB/V with excellent conformance error. The AD8368 has
a 3 dB bandwidth of 800 MHz that is nominally independent
of gain setting. At 140 MHz, the OIP3 is 33 dBm at maxi-
mum gain. The output noise floor is –143 dBm/Hz, which
corresponds to a 9.5 dB noise figure at maximum gain. The
single-ended input and output impedances are nominally 50 Ω.
The gain of the AD8368 can be configured to be an increasing
or decreasing function of the gain control voltage depending on
whether the MODE pin is pulled to the positive supply or to
ground, respectively. When MODE is pulled high, the AD8368
operates as a typical VGA with increasing gain. By connecting
MODE to ground and using the on-board rms detector, the
AD8368 can be configured as a complete AGC system with
RSSI. The output power is accurately leveled to the internal
default setpoint of 63 mV rms (−11 dBm referenced to 50 Ω),
independent of the waveform crest factor. Because the
uncommitted detector input is available at DETI, the AGC loop
can level the signal at the AD8368 output or at any other point
in the signal chain over a maximum input power range of
34 dB. Furthermore, the setpoint level can be raised by dividing
down the output signal before applying it to the detector.
The AD8368 operates from a supply voltage of 4.5 V to 5.5 V
and consumes 60 mA of current. It can be fully powered down
to <3 mA by grounding the ENBL pin. The AD8368 is
fabricated using Analog Devices’ proprietary SiGe SOI
complementary bipolar IC process. It is available in a 24-lead
CSP and operates over the industrial temperature range of
−40°C to +85°C. Application boards are available upon request.


Similar Part No. - AD8368

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8368 AD-AD8368 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368 Datasheet
123Kb / 3P
   Extending the Dynamic Range of the ADL5513 Logarithmic Detector Using the AD8368 Variable Gain Amplifier
REV. 0
AD8368-EVALZ AD-AD8368-EVALZ Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368-EVALZ AD-AD8368-EVALZ Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
AD8368ACPZ-REEL7 AD-AD8368ACPZ-REEL7 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
More results

Similar Description - AD8368

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
   34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
   34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
   800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com