Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8368ACPZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8368ACPZ-REEL7
Description  800 MHz, Linear-in-dB VGA with AGC Detector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8368ACPZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8368ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8368ACPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8368
Rev. 0 | Page 10 of 20
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–40
–35
–30
–25
–20
–15
–10
–5
0
5
RF INPUT (dBm)
+85°C
+85°C
–40°C
–40°C
+25°C
+25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–40
–35
–30
–25
–20
–15
–10
–5
0
5
RF INPUT (dBm)
+85°C
+85°C
–40°C
–40°C
+25°C
+25°C
Figure 21. RSSI (V
Figure 24. RSSI (V
DETO
) and Conformance Error vs. Input Power (f = 70 MHz)
DETO
) and Conformance Error vs. Input Power (f = 380 MHz)
CH2 50mV Ω CH3 100mV Ω M20µs 500MS/s
2.0ns/PT
A CH1
410mV
VRSSI
VOUTP
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–40
–35
–30
–25
–20
–15
–10
–5
0
5
RF INPUT (dBm)
+85°C
+85°C
–40°C
–40°C
+25°C
+25°C
Figure 22. RSSI (V
Figure 25. AGC Time Domain Response (3 dB Power Step, C
DETO
) and Conformance Error vs. Input Power (f = 140 MHz)
DETO
=1 nF)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–40
–35
–30
–25
–20
–15
–10
–5
0
5
RF INPUT (dBm)
+85°C
+85°C
–40°C
–40°C
+25°C
+25°C
80
70
60
50
40
30
20
10
0
8
7
6
5
4
3
2
1
0
–40
–20
0
20
60
40
80
TEMPERATURE (°C)
4.5V
5.0V
5.5V
4.5V
5.0V
5.5V
Figure 26. Supply Current and Disable Current vs. Supply Voltage
Figure 23. RSSI (VDETO) and Conformance Error vs. Input Power (f = 240 MHz)


Similar Part No. - AD8368ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8368ACPZ-REEL7 AD-AD8368ACPZ-REEL7 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368ACPZ-REEL7 AD-AD8368ACPZ-REEL7 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
More results

Similar Description - AD8368ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
   34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
   34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
   800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com