Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1218 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # AN1218
Description  HC05 to HC08 Optimization
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1218 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button AN1218 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1218 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1218 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1218 Datasheet HTML 9Page - Freescale Semiconductor, Inc AN1218 Datasheet HTML 10Page - Freescale Semiconductor, Inc AN1218 Datasheet HTML 11Page - Freescale Semiconductor, Inc AN1218 Datasheet HTML 12Page - Freescale Semiconductor, Inc AN1218 Datasheet HTML 13Page - Freescale Semiconductor, Inc AN1218 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Application Note
AN1218 Rev. 2
10
Index Registers
CPU08 has the additional H index register which is the high byte
extension to the X index register. Together, the two index registers
formulate the concatenated 16-bit H:X index register. Five new
instructions are introduced on the CPU08 to allow manipulation of the
H:X index register. Source code written for the HC05 will not effect the
H register and it will remain in its reset state of $00.
The TSX and the TXS instructions also utilize the H:X index register.
These instructions are covered in more detail in the stack pointer
section.
Five New Indexing
Instructions, Detail
The new CPU08 instructions that affect the index registers are listed
below. Examples for these instructions are given in AppendixA—New
CPU08 Indexing Instruction Examples
.
AIX
Add Immediate to Index Register
Operation:
X ← (H:X) + (M)
Description: AIX adds an immediate value to the 16-bit
index register formed by the concatenation
of the H and X registers. The immediate
operand is an 8-bit two's complement
signed offset. Prior to addition to H:X, the
offset is sign extended to 16 bits.
CLRH
Clear Index High
Operation:
H ← $00
Description: The contents of H are replaced with zeros.
CPHX
Compare 16-bit Index Register
Operation:
(H:X) – (M:M+1)
Description: CPHX compares the 16-bit index register
H:X with the 16-bit value in memory and
sets the condition code register accordingly.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - AN1218

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1213 STMICROELECTRONICS-AN1213 Datasheet
118Kb / 7P
   OUTPUT PROTECTION CHARACTERISATION
AN1214 STMICROELECTRONICS-AN1214 Datasheet
77Kb / 6P
   DESIGN TIPS FOR L6561 POWER FACTOR CORRECTOR
AN1215 STMICROELECTRONICS-AN1215 Datasheet
68Kb / 7P
   HOW TO HANDLE SHORT CIRCUIT CONDITIONS
AN1216 STMICROELECTRONICS-AN1216 Datasheet
198Kb / 11P
   Implementing a periodic alarm with TIMEKEEPER
More results

Similar Description - AN1218

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1106 STMICROELECTRONICS-AN1106 Datasheet
91Kb / 9P
   TRANSLATING ASSEMBLY CODE FROM HC05 TO ST7
logo
NXP Semiconductors
68HC05V7 NXP-68HC05V7 Datasheet
1Mb / 170P
   Low cost, HC05 Core
REV 1.0
logo
Freescale Semiconductor...
AN2701 FREESCALE-AN2701 Datasheet
216Kb / 14P
   PWM Generation with the HC08 Timer
logo
RF Micro Devices
AN0001 RFMD-AN0001 Datasheet
119Kb / 6P
   Optimization of Quadrature Modulator Performance
logo
Tripp Lite. All Rights ...
SRGASKET TRIPPLITE-SRGASKET Datasheet
479Kb / 2P
   SmartRack Airflow Optimization Kit
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
logo
Maxim Integrated Produc...
MAXM17515 MAXIM-MAXM17515 Datasheet
2Mb / 15P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
logo
Maxim Integrated Produc...
MAXM17516 MAXIM-MAXM17516 Datasheet
569Kb / 14P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17545 MAXIM-MAXM17545 Datasheet
948Kb / 19P
   Offers Flexibility for Power-Design Optimization
Rev 0; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com