Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1210IRHARG4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AMC1210IRHARG4
Description  Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AMC1210IRHARG4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  AMC1210IRHARG4 Datasheet HTML 1Page - Burr-Brown (TI) AMC1210IRHARG4 Datasheet HTML 2Page - Burr-Brown (TI) AMC1210IRHARG4 Datasheet HTML 3Page - Burr-Brown (TI) AMC1210IRHARG4 Datasheet HTML 4Page - Burr-Brown (TI) AMC1210IRHARG4 Datasheet HTML 5Page - Burr-Brown (TI) AMC1210IRHARG4 Datasheet HTML 6Page - Burr-Brown (TI) AMC1210IRHARG4 Datasheet HTML 7Page - Burr-Brown (TI) AMC1210IRHARG4 Datasheet HTML 8Page - Burr-Brown (TI) AMC1210IRHARG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
AMC1210
SBAS372A – APRIL 2006 – REVISED OCTOBER 2006
At –40°C to +125°C, AVDD, CVDD, DVDD = 5V, BVDD = 2.7V, unless otherwise noted. The following condition must be true
on the supplies: CVDD
≥ DVDD ≥ BVDD.
AMC1210
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic levels:
VOH
BVDD = 2.7
2.4
V
BVDD = 5.0
4.44
V
VOL
BVDD = 2.7
0.4
V
BVDD = 5.0
0.5
V
System clock frequency
Pin 'CLK'
90
MHz
Pins CLK1, CLK2, CLK3, CLK4
Modulator clock frequency
22
MHz
Mode = 0
SPI interface clock frequency
Pin WR, option 1
25
MHz
SPI interface clock frequency
Pin WR, option 2
40
MHz
Parallel interface read/write frequency
Pin CS
22
MHz
POWER SUPPLY REQUIREMENTS
Power-supply voltage, pin AVDD
4.5
5.5
Power-supply voltage, pins CVDD and DVDD
CVDD
≥ DVDD ≥ BVDD
3.3
5.5
V
Power-supply voltage, pin DVDD
CVDD
≥ DVDD ≥ BVDD
2.7
5.5
V
Total power(1)
All supplies = 5V
24.5
mW
Power-supply current
One filter module(2)
260
µA/MHz
Power-supply current
Four filter modules(2)
850
µA/MHz
SPI interface
78
µA/MHz
Parallel interface(3)
83
µA/MHz
Signal generator
140
µA/MHz
SIGNAL GENERATOR OUTPUT
VOH
RLOAD = 50Ω, bit HPE = 1
4.60
4.73
V
VOL
RLOAD = 50Ω, bit HPE = 1
0.26
0.4
V
VOH
RLOAD = 500Ω, bit HPE = 0
4.60
4.73
V
VOL
RLOAD = 500Ω, bit HPE = 0
0.26
0.4
V
(1)
Power consumption with two filter modules functioning, both set to Sinc3, SOSR = 256.
(2)
The filter module is configured with the comparator unit filter set to Sinc3, COSR = 32 and the sinc unit filter set to Sinc3 structure and
SOSR = 256.
(3)
All three modes.
3
Submit Documentation Feedback


Similar Part No. - AMC1210IRHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1210 TI1-AMC1210 Datasheet
117Kb / 9P
[Old version datasheet]   Full-featured evaluation module
AMC1210 TI1-AMC1210 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Ohmite Mfg. Co.
AMC1210 OHMITE-AMC1210 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
More results

Similar Description - AMC1210IRHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com