Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLLNR1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IRPLLNR1
Description  POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IRPLLNR1 Datasheet(HTML) 2 Page - IXYS Corporation

  IRPLLNR1 Datasheet HTML 1Page - IXYS Corporation IRPLLNR1 Datasheet HTML 2Page - IXYS Corporation IRPLLNR1 Datasheet HTML 3Page - IXYS Corporation IRPLLNR1 Datasheet HTML 4Page - IXYS Corporation IRPLLNR1 Datasheet HTML 5Page - IXYS Corporation IRPLLNR1 Datasheet HTML 6Page - IXYS Corporation IRPLLNR1 Datasheet HTML 7Page - IXYS Corporation IRPLLNR1 Datasheet HTML 8Page - IXYS Corporation IRPLLNR1 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Reference Design Data Sheet intended for design information only.
Subjected to changes without prior notice.
2
IRPLLNR1
Electrical Characteristics
Parameter
Units
Value
Lamp Type
2/40T12
Input Power
[W]
80 +/- 7%
Input Current (120VAC)
[A]
0.67
Pre-heat Output Frequency
[kHz]
50
Pre-heat Output Voltage
[Vpp]
350
Pre-heat Time
[s]
2.0
Running Output Frequency
[kHz]
39.0 +/- 4%
Running Output Voltage
[V]
100
Input A.C. Voltage Range
[VAC]
90..255VAC/50/60Hz
Input D.C. Voltage Range
[VDC]
100..350
Ambient Temperature Range
[ºC]
0..50
Power Factor
0.99
Total Harmonic Distortion
[%]
<15%
Maximum Output Ignition Voltage
[Vpp]
1200
Note: Other lamp types require a new ballast type with different component values.
Note: Tolerances were achieved with trimming.
Lamp Fault Protection Characteristics
Lamps
Ballast
Restart Operation
Lamp 1 or Lamp 2
lower cathode broken
Deactivates
Lamp exchange or recycle line voltage
Lamp1 or Lamp 2
upper cathode broken
Deactivates if non-
zvs occurs
Exchange damaged lamp or recycle
line voltage
Both Lamps
upper cathodes broken
Deactivates
Lamp exchange or recycle line voltage
Lamp1 or Lamp2
non-strike (cathodes intact)
Deactivates
Lamp exchange or recycle line voltage
Open-Circuit (no lamps)
Deactivates
Lamp exchange or recycle line voltage
Short-Circuit (false hook-up)
Deactivates
Lamp exchange or recycle line voltage


Similar Part No. - IRPLLNR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
   High Power Factor/Low THD
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
   Universal Input Linear Fluorescent Ballast using the IR2167
IRPLLNR5 IRF-IRPLLNR5 Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
IRPLLNR7 IRF-IRPLLNR7 Datasheet
303Kb / 18P
   The IRPLLNR7 Demo Board is a high efficiency, high power factor, fixed output electronic ballast designed for driving rapid start fluorescent lamp types.
More results

Similar Description - IRPLLNR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
   POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
   Digitally Addressable DALI Dimming Ballast Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
   ML4833 220V Non-Dimming Ballast Design
logo
International Rectifier
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com