Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT60ALVCH16823PA Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT60ALVCH16823PA
Description  3.3V CMOS 18-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT60ALVCH16823PA Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT60ALVCH16823PA Datasheet HTML 1Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 2Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 3Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 4Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 5Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 6Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74ALVCH16823
3.3VCMOS18-BITBUS-INTERFACEFLIP-FLOPWITH3-STATEOUTPUTS
OPERATING CHARACTERISTICS, TA = 25°C
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Typical
Typical
Unit
CPD
PowerDissipationCapacitanceOutputsenabled
CL = 0pF, f = 10Mhz
27
30
pF
CPD
PowerDissipationCapacitanceOutputsdisabled
16
18
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 6mA
2
VCC = 2.3V
IOH = – 12mA
1.7
VCC = 2.7V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 6mA
0.4
IOL = 12mA
0.7
VCC = 2.7V
IOL = 12mA
0.4
VCC = 3V
IOL = 24mA
0.55


Similar Part No. - IDT60ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT60LVC162374APA IDT-IDT60LVC162374APA Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT60LVC162374APF IDT-IDT60LVC162374APF Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT60LVC162374APV IDT-IDT60LVC162374APV Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT60LVCR2245APG IDT-IDT60LVCR2245APG Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT60LVCR2245APY IDT-IDT60LVCR2245APY Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results

Similar Description - IDT60ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCHR16501 IDT-IDT74ALVCHR16501 Datasheet
74Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR16601 IDT-IDT74ALVCHR16601 Datasheet
72Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16501 IDT-IDT74ALVCH16501 Datasheet
82Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCH162374 IDT-IDT74ALVCH162374 Datasheet
72Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com