Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL1112SNADM10X3K025 Datasheet(PDF) 3 Page - ITT Industries

Part # MIL1112SNADM10X3K025
Description  1-4 Pole Miniature Right
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MIL1112SNADM10X3K025 Datasheet(HTML) 3 Page - ITT Industries

  MIL1112SNADM10X3K025 Datasheet HTML 1Page - ITT Industries MIL1112SNADM10X3K025 Datasheet HTML 2Page - ITT Industries MIL1112SNADM10X3K025 Datasheet HTML 3Page - ITT Industries MIL1112SNADM10X3K025 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
K-24
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K MIL Series
1-4 Pole Miniature Right
SWITCHING MODE
MOUNTING STYLE
Third Angle
Projection
K
.157 DIA.
(4,0)
.157 DIA.
(4,0)
.079
(2,0)
.039
(1,0)
PANEL MOUNTING
(NONE)
(STD.) .157 DIA. (4,0)
F2X1
SCREWCRIVER SLOT
M10X3
FLAT
AD
WITH PANEL MOUNT
SD
WITHOUT
N
(STD.) NON-SHORTING, BBM (break-before-make)
C
SHORTING, MBB (make-before-break)
ACTUATOR OPTION


Similar Part No. - MIL1112SNADM10X3K025

ManufacturerPart #DatasheetDescription
logo
API Delevan
MIL1330-00K API-MIL1330-00K Datasheet
44Kb / 1P
   Unshielded Surface Mount Inductors
MIL1330-00K API-MIL1330-00K Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
MIL1330-02K API-MIL1330-02K Datasheet
44Kb / 1P
   Unshielded Surface Mount Inductors
MIL1330-02K API-MIL1330-02K Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
MIL1330-04K API-MIL1330-04K Datasheet
44Kb / 1P
   Unshielded Surface Mount Inductors
More results

Similar Description - MIL1112SNADM10X3K025

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RBP-12112SNFS ITT-RBP-12112SNFS Datasheet
407Kb / 4P
   1-6 Pole Miniature Rotary Switches
logo
Neutrik AG
NP2RX-TIMBRE NEUTRIK-NP2RX-TIMBRE Datasheet
75Kb / 3P
   Right angle 1/4' 2 pole timbre plug
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
   2 Pole Miniature 2 Pole Miniature
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
Tyco Electronics
OSZ-SS-112DM8 MACOM-OSZ-SS-112DM8 Datasheet
49Kb / 2P
   1 Pole Miniature Power PC Board Relay
logo
Fujitsu Component Limit...
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
logo
ITT Industries
A10015RNZQ ITT-A10015RNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
logo
C&K Components
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com