Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555PSR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # NE555PSR
Description  PRECISION TIMERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE555PSR Datasheet(HTML) 7 Page - Texas Instruments

Back Button NE555PSR Datasheet HTML 3Page - Texas Instruments NE555PSR Datasheet HTML 4Page - Texas Instruments NE555PSR Datasheet HTML 5Page - Texas Instruments NE555PSR Datasheet HTML 6Page - Texas Instruments NE555PSR Datasheet HTML 7Page - Texas Instruments NE555PSR Datasheet HTML 8Page - Texas Instruments NE555PSR Datasheet HTML 9Page - Texas Instruments NE555PSR Datasheet HTML 10Page - Texas Instruments NE555PSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TA = 125°C
TA = 25°C
IOL − Low-Level Output Current − mA
VCC = 5 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
TA = −55°C
0.1
0.04
0.01
1
2
4
7
10
20
40
70 100
0.07
1
0.4
0.7
10
4
7
0.02
0.2
2
VCC = 10 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
0.1
0.04
0.01
1
2
4
7
10
20
40
70 100
0.07
1
0.4
0.7
10
4
7
0.02
0.2
2
TA = 125°C
TA = 25°C
TA= −55°C
TA = 125°C
TA = 25°C
TA = −55°C
VCC = 15 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
0.1
0.04
0.01
1
2
4
7
10
20
40
70 100
0.07
1
0.4
0.7
10
4
7
0.02
0.2
2
1
0.6
0.2
0
1.4
1.8
2.0
0.4
1.6
0.8
1.2
IOH − High-Level Output Current − mA
TA = 125°C
TA = 25°C
100
70
40
20
10
7
4
2
1
VCC = 5 V to 15 V
TA = −55°C
DROP BETWEEN SUPPLY VOLTAGE AND OUTPUT
vs
HIGH-LEVEL OUTPUT CURRENT
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
Data for temperatures below 0
°C and above 70°C are applicable for SE555 circuits only.
Figure 1.
Figure 2.
Figure 3.
Figure 4.
7
Submit Documentation Feedback


Similar Part No. - NE555PSR

ManufacturerPart #DatasheetDescription
logo
NEC
NE555PSR NEC-NE555PSR Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NE555PSR TI-NE555PSR Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NE555PSR TI-NE555PSR Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NE555PSR TI-NE555PSR Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
NE555PSR TI1-NE555PSR Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
More results

Similar Description - NE555PSR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_07 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com