Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2304CPZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2304CPZ-REEL
Description  2 W Filterless Class-D Stereo Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2304CPZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2304CPZ-REEL Datasheet HTML 2Page - Analog Devices SSM2304CPZ-REEL Datasheet HTML 3Page - Analog Devices SSM2304CPZ-REEL Datasheet HTML 4Page - Analog Devices SSM2304CPZ-REEL Datasheet HTML 5Page - Analog Devices SSM2304CPZ-REEL Datasheet HTML 6Page - Analog Devices SSM2304CPZ-REEL Datasheet HTML 7Page - Analog Devices SSM2304CPZ-REEL Datasheet HTML 8Page - Analog Devices SSM2304CPZ-REEL Datasheet HTML 9Page - Analog Devices SSM2304CPZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SSM2304
Preliminary Technical Data
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
OUTL+
2
OUTL–
3
SD
4
INL+
11 OUTR–
12 OUTR+
10 GAIN
9INR+
TOP VIEW
(Not to Scale)
SSM2304
Figure 2. SSM2304 LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTL+
Inverting Output for Left Channel.
2
OUTL−
Noninverting Output for Left Channel.
3
SD
Shutdown Input. Active low digital input.
4
INL+
Noninverting Input for Left Channel.
5
INL−
Inverting Input for Left Channel.
6
NC
No Connect.
7
NC
No Connect.
8
INR−
Inverting Input for Right Channel.
9
INR+
Noninverting Input for Right Channel.
10
GAIN
Gain Selection. Digital input.
11
OUTR−
Noninverting Output for Right Channel.
12
OUTR+
Inverting Output for Right Channel.
13
GND
Ground for Output Amplifiers.
14
VDD
Power Supply for Output Amplifiers.
15
VDD
Power Supply for Output Amplifiers.
16
GND
Ground for Output Amplifiers.
Rev. PrD | Page 6 of 19


Similar Part No. - SSM2304CPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM2304AGN SSC-SSM2304AGN Datasheet
256Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
SSM2304AGN VBSEMI-SSM2304AGN Datasheet
490Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM2304N SSC-SSM2304N Datasheet
151Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
More results

Similar Description - SSM2304CPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
   2 횞10 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
EVAL-SSM2306 AD-EVAL-SSM2306_15 Datasheet
671Kb / 8P
   Evaluation Board for 2 W, Filterless, Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com