Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM14C0D-C28-L008S Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # EM14C0D-C28-L008S
Description  14 mm Rotary Optical Encoder w/Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EM14C0D-C28-L008S Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  EM14C0D-C28-L008S Datasheet HTML 1Page - Bourns Electronic Solutions EM14C0D-C28-L008S Datasheet HTML 2Page - Bourns Electronic Solutions EM14C0D-C28-L008S Datasheet HTML 3Page - Bourns Electronic Solutions EM14C0D-C28-L008S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
EM14 - 14 mm Rotary Optical Encoder w/Switch
Part Numbering System
E M 14
A
0
D
-
C 24
-
L
0
3S
2
EM14 14 mm Rotary Optical Encoder
Code
A
C
R
Description
3/8 " D x 3/8 " L Threaded
1/4 " D x 1/4 " L Threaded
10 mm D x 9.5 mm L Threaded
BUSHING CONFIGURATION
Code
008
016
032
064
Description
8 PPR
16 PPR
32 PPR
64 PPR
RESOLUTION (Pulses Per Revolution)
MODEL NO. DESIGNATOR
Code
A
D
Description
A/R Lug
None
ANTI-ROTATION LUG/BRACKET OPTION
Code
0
1
Description
No Detent
32 Detents (Available with
8 or 32 PPR only)
DETENT OPTION
Code
S
N
Description
Push Switch
No Switch
SWITCH OPTION
Code
L
R
Description
Axial Multi-Purpose Pin
Radial Multi-Purpose Pin
TERMINAL CONFIGURATION
Code
B
C
E
R
M
Description
1/4 " Dia. Slotted End
1/4 " Dia. Flatted End
1/8 " Dia. Slotted End
6 mm Dia. Slotted End
6 mm Dia. Flatted End
Available w/
Bushing
A
A
C
R
R
SHAFT STYLE (See Outline Drawing for Details)
Code
24
28
20
25
Length (FMS)
3/4 "
7/8 "
20 mm
25 mm
Available w/Bushing
A, C
A, C
R
R
SHAFT LENGTH DESIGNATOR


Similar Part No. - EM14C0D-C28-L008S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14C0D-C28-L032S BOURNS-EM14C0D-C28-L032S Datasheet
462Kb / 5P
   Rotary Optical Encoder w/Switch
More results

Similar Description - EM14C0D-C28-L008S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
   14 mm Rotary Optical Encoder w/Switch
EM14R1D-R20 BOURNS-EM14R1D-R20 Datasheet
504Kb / 5P
   EM14 - 14 mm Rotary Optical Encoder w/Switch
EM14A0D-C24-L032S BOURNS-EM14A0D-C24-L032S Datasheet
504Kb / 5P
   EM14 - 14 mm Rotary Optical Encoder w/Switch
EM14-14 BOURNS-EM14-14 Datasheet
462Kb / 5P
   Rotary Optical Encoder w/Switch
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L_12 Datasheet
274Kb / 3P
   Rotary Optical Encoder
PEC11D BOURNS-PEC11D Datasheet
535Kb / 3P
   PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
ENA1J-B28-L00128L BOURNS-ENA1J-B28-L00128L Datasheet
289Kb / 3P
   EN - Rotary Optical Encoder
logo
List of Unclassifed Man...
LPD3806-100BM-G5-24C ETC-LPD3806-100BM-G5-24C Datasheet
235Kb / 2P
   DIGITAL OPTICAL ROTARY ENCODER
logo
Bourns Electronic Solut...
ENS1J-B28-L00256L BOURNS-ENS1J-B28-L00256L Datasheet
274Kb / 3P
   EN - Rotary Optical Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com