Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHA2UEEGG0041 Datasheet(PDF) 1 Page - ITT Industries

Part # PHA2UEEGG0041
Description  Short Stroke Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PHA2UEEGG0041 Datasheet(HTML) 1 Page - ITT Industries

  PHA2UEEGG0041 Datasheet HTML 1Page - ITT Industries PHA2UEEGG0041 Datasheet HTML 2Page - ITT Industries PHA2UEEGG0041 Datasheet HTML 3Page - ITT Industries PHA2UEEGG0041 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A-78
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K PHA Series
Short Stroke Pushbutton Switches
A
Features/Benefits
Momentary or latching action
Low cost, reliable contact design
2, 4 & 6 pole configurations
Sealed contacts
Optional buttons
Typical Applications
Computers and peripherals
Instrumentation and
measurement equipment
Non-power, on-off
switch applications
Specifications
SWITCHING POWER MAX.: 3 W DC
SWITCHING VOLTAGE MAX.: 30 V DC
SWITCHING CURRENT MAX.: 100 mA DC
DIELECTRIC STRENGTH (50 Hz/1 min.): 500 V between open
contacts. 1500 V between chassis and contacts.
OPERATING LIFE: Impulse/momentary (OA): ^ 104 operations.
Latching (EE): ^ 104 operations
CONTACT RESISTANCE: New: % 20 m
After 105 operations: % 40 m
INSULATION RESISTANCE: ^ 1010
CAPACITANCE: % 1.5 pF
CONTACT BOUNCE: % 2 ms
Operating speed 200 mm/s (7.87 inch/s)
TOTAL TRAVEL/LATCHING TRAVEL: 2.5mm/1.5mm
(.0984 inch/.0591 inch)
OPERATING FORCE:
2U: 170cN±50cN (170 grams±50 grams)
4U: 230cN±70cN (230 grams±70 grams)
6U: 300cN±100cN (300 grams±100 grams)
SEALING: Sealed contacts.
Materials
FIXED TERMINAL: Brass, silver plated.
MOVABLE CONTACT: Phosphor bronze, silver plated.
SWITCH BODY: PPE
ACTUATOR: POM
STANDOFF CLIP: POM
RETURN SPRING: Music wire.
RETURN SPRING RETAINER: Carbon steel, tin plated.
DETENT SPRING PLATE: Phosphor bronze.
DETENT SPRING: Stainless steel.
BASE: Laminated phenolic.
TERMINAL SEAL: Epoxy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages A-79 thru A-81. For additional options not shown in catalog, consult Customer Service Center.
Contact Arrangement
2U
2 Changeovers
4U
4 Changeovers
6U
6 Changeovers
Round
G003A Black
G003G Gray
G0031 Ivory
G003R Red
Rectangular
G002A Black
G002G Gray
G0021 Ivory
G002R Red
Square
G004A Black
G004G Gray
G0041 Ivory
G004R Red
Indexed
G001A Black
G001G Gray
G001I
Ivory
G001R Red
Mechanical Function
OA Momentary
EE
Push-push
P
H
A
Switch
Button
BUTTON REMOVAL
A button of a push-push switch should only be
removed in the “OFF” non-latching position.


Similar Part No. - PHA2UEEGG0041

ManufacturerPart #DatasheetDescription
logo
C&K Components
PHA2UEE CK-COMPONENTS-PHA2UEE Datasheet
239Kb / 3P
   Short Stroke Pushbutton Switches
More results

Similar Description - PHA2UEEGG0041

ManufacturerPart #DatasheetDescription
logo
C&K Components
PHA2UOA CK-COMPONENTS-PHA2UOA Datasheet
248Kb / 3P
   Short Stroke Pushbutton Switches
PHA CK-COMPONENTS-PHA Datasheet
234Kb / 4P
   Short Stroke Pushbutton Switches
PHB4UEE1A CK-COMPONENTS-PHB4UEE1A Datasheet
260Kb / 3P
   Short Stroke Pushbutton Switches
PHA2UEE CK-COMPONENTS-PHA2UEE Datasheet
239Kb / 3P
   Short Stroke Pushbutton Switches
PHB CK-COMPONENTS-PHB_V01 Datasheet
394Kb / 3P
   Short Stroke Pushbutton Switches
2019
logo
ITT Industries
PVA ITT-PVA Datasheet
191Kb / 3P
   Short Stroke Key Switches
logo
C&K Components
PVA CK-COMPONENTS-PVA_V01 Datasheet
291Kb / 3P
   Short Stroke Key Switches
24 may 19
PVA CK-COMPONENTS-PVA Datasheet
182Kb / 3P
   Short Stroke Key Switches
logo
Festo Corporation.
ADVC-10-5-A-P FESTO-ADVC-10-5-A-P Datasheet
90Kb / 1P
   Short-stroke cylinder
ADVC-20-5-I-P FESTO-ADVC-20-5-I-P Datasheet
86Kb / 1P
   Short-stroke cylinder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com