Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT76ALVCH16823PA Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT76ALVCH16823PA
Description  3.3V CMOS 18-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT76ALVCH16823PA Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT76ALVCH16823PA Datasheet HTML 1Page - Integrated Device Technology IDT76ALVCH16823PA Datasheet HTML 2Page - Integrated Device Technology IDT76ALVCH16823PA Datasheet HTML 3Page - Integrated Device Technology IDT76ALVCH16823PA Datasheet HTML 4Page - Integrated Device Technology IDT76ALVCH16823PA Datasheet HTML 5Page - Integrated Device Technology IDT76ALVCH16823PA Datasheet HTML 6Page - Integrated Device Technology IDT76ALVCH16823PA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH16823
3.3VCMOS18-BITBUS-INTERFACEFLIP-FLOPWITH3-STATEOUTPUTS
3
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage Level
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Input LOW Voltage Level
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
IIH
Input HIGH Current
VCC = 3.6V
VI = VCC
——
±5µA
IIL
Input LOW Current
VCC = 3.6V
VI = GND
±5µA
IOZH
High Impedance Output Current
VCC = 3.6V
VO = VCC
——
±10
µA
IOZL
(3-State Output pins)
VO = GND
±10
VIK
Clamp Diode Voltage
VCC = 2.3V, IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
VCC = 3.3V
100
mV
ICCL
Quiescent Power Supply Current
VCC = 3.6V
0.1
40
µA
ICCH
VIN = GND or VCC
ICCZ
∆ICC
Quiescent Power Supply Current
One input at VCC - 0.6V, other inputs at VCC or GND
750
µA
Variation
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C
NOTE:
1. Typical values are at VCC = 3.3V, +25°C ambient.
BUS-HOLDCHARACTERISTICS
Symbol
Parameter(1)
Test Conditions
Min.
Typ.(2)
Max.
Unit
IBHH
Bus-HoldInputSustainCurrent
VCC = 3V
VI = 2V
– 75
µA
IBHL
VI = 0.8V
75
IBHH
Bus-HoldInputSustainCurrent
VCC = 2.3V
VI = 1.7V
– 45
µA
IBHL
VI = 0.7V
45
IBHHO
Bus-Hold Input Overdrive Current
VCC = 3.6V
VI = 0 to 3.6V
±500
µA
IBHLO
NOTES:
1. Pins with Bus-Hold are identified in the pin description.
2. Typical values are at VCC = 3.3V, +25°C ambient.


Similar Part No. - IDT76ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT76LVC162374APA IDT-IDT76LVC162374APA Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT76LVC162374APF IDT-IDT76LVC162374APF Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT76LVC162374APV IDT-IDT76LVC162374APV Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
More results

Similar Description - IDT76ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCHR16501 IDT-IDT74ALVCHR16501 Datasheet
74Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR16601 IDT-IDT74ALVCHR16601 Datasheet
72Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16501 IDT-IDT74ALVCH16501 Datasheet
82Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCH162374 IDT-IDT74ALVCH162374 Datasheet
72Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com