Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHA4UEEGG004R Datasheet(PDF) 3 Page - ITT Industries

Part # PHA4UEEGG004R
Description  Short Stroke Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PHA4UEEGG004R Datasheet(HTML) 3 Page - ITT Industries

  PHA4UEEGG004R Datasheet HTML 1Page - ITT Industries PHA4UEEGG004R Datasheet HTML 2Page - ITT Industries PHA4UEEGG004R Datasheet HTML 3Page - ITT Industries PHA4UEEGG004R Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A-80
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K PHA Series
Short Stroke Pushbutton Switches
DESIGNATION
CONTACT ARRANGEMENT
MECHANICAL FUNCTION
Third Angle
Projection
A
PC MOUNTING
6U 6 CHANGEOVERS
Momentary
Push-push
OA
EE
FUNCTION
OPTION CODE
2X
3X
2PDT
4PDT
6PDT
2U
4U
6U
SCHEMATIC
NO. OF POLES *
OPTION CODE
*Non-shorting contacts.


Similar Part No. - PHA4UEEGG004R

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PHA400-F200-B17-V1D PF-PHA400-F200-B17-V1D Datasheet
1Mb / 5P
   Vision Sensor
PHA400-F200A-B17-T-V1D PF-PHA400-F200A-B17-T-V1D Datasheet
1Mb / 5P
   Vision Sensor
PHA400-F200A-B17-V1D PF-PHA400-F200A-B17-V1D Datasheet
1Mb / 5P
   Vision Sensor
logo
Tyco Electronics
PHA4000-1 MACOM-PHA4000-1 Datasheet
98Kb / 1P
   Broadband VHF Power Module, 13W 30 - 400 MHz
PHA4000-1 MACOM-PHA4000-1_1 Datasheet
280Kb / 4P
   Broadband VHF Power Module, 13 W and 64 W 30 - 400 MHz
More results

Similar Description - PHA4UEEGG004R

ManufacturerPart #DatasheetDescription
logo
C&K Components
PHA2UOA CK-COMPONENTS-PHA2UOA Datasheet
248Kb / 3P
   Short Stroke Pushbutton Switches
PHA CK-COMPONENTS-PHA Datasheet
234Kb / 4P
   Short Stroke Pushbutton Switches
PHB4UEE1A CK-COMPONENTS-PHB4UEE1A Datasheet
260Kb / 3P
   Short Stroke Pushbutton Switches
PHA2UEE CK-COMPONENTS-PHA2UEE Datasheet
239Kb / 3P
   Short Stroke Pushbutton Switches
PHB CK-COMPONENTS-PHB_V01 Datasheet
394Kb / 3P
   Short Stroke Pushbutton Switches
2019
logo
ITT Industries
PVA ITT-PVA Datasheet
191Kb / 3P
   Short Stroke Key Switches
logo
C&K Components
PVA CK-COMPONENTS-PVA_V01 Datasheet
291Kb / 3P
   Short Stroke Key Switches
24 may 19
PVA CK-COMPONENTS-PVA Datasheet
182Kb / 3P
   Short Stroke Key Switches
logo
Festo Corporation.
ADVC-10-5-A-P FESTO-ADVC-10-5-A-P Datasheet
90Kb / 1P
   Short-stroke cylinder
ADVC-20-5-I-P FESTO-ADVC-20-5-I-P Datasheet
86Kb / 1P
   Short-stroke cylinder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com